Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 164Page - STMicroelectronics ST7263BEx Datasheet HTML 165Page - STMicroelectronics ST7263BEx Datasheet HTML 166Page - STMicroelectronics ST7263BEx Datasheet HTML 167Page - STMicroelectronics ST7263BEx Datasheet HTML 168Page - STMicroelectronics ST7263BEx Datasheet HTML 169Page - STMicroelectronics ST7263BEx Datasheet HTML 170Page - STMicroelectronics ST7263BEx Datasheet HTML 171Page - STMicroelectronics ST7263BEx Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 186 page
background image
Package characteristics
ST7263Bxx
168/186
Doc ID 7516 Rev 8
Figure 81.
24-pin plastic small outline package, 300-mil width package outline
E
12
e
D
C
H
13
24
1
B
9U_ME
A1
L
A1
α
h x 45°
A
ddd
Table 82.
24-pin plastic small outline package, 300-mil width package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
2.350
2.650
0.0930
0.1040
A1
0.100
0.300
0.0040
0.0120
B
0.330
0.510
0.0130
0.0200
C
0.230
0.320
0.0090
0.0130
D
15.200
15.600
0.5990
0.6140
E
7.400
7.600
0.2910
0.2990
e
1.270
0.0500
H
10.000
10.650
0.3940
0.4190
h
0.250
0.750
0.0100
0.0300
α
L
0.400
1.270
0.0160
0.0500
ddd
0.100
0.0040
Number of pins
N24
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com