Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 168Page - STMicroelectronics ST7263BEx Datasheet HTML 169Page - STMicroelectronics ST7263BEx Datasheet HTML 170Page - STMicroelectronics ST7263BEx Datasheet HTML 171Page - STMicroelectronics ST7263BEx Datasheet HTML 172Page - STMicroelectronics ST7263BEx Datasheet HTML 173Page - STMicroelectronics ST7263BEx Datasheet HTML 174Page - STMicroelectronics ST7263BEx Datasheet HTML 175Page - STMicroelectronics ST7263BEx Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 186 page
background image
Device configuration and ordering information
ST7263Bxx
172/186
Doc ID 7516 Rev 8
15
Device configuration and ordering information
Each device is available for production in user programmable versions (High Density
FLASH).
ST72F63B FLASH devices are shipped to customers with a default content (FFh).
This implies that FLASH devices have to be configured by the customer using the Option
Byte while the ROM devices are factory-configured.
15.1
Option byte
The Option Byte allows the hardware configuration of the microcontroller to be selected.
The Option Byte has no address in the memory map and can be accessed only in
programming mode using a standard ST7 programming tool. The default contents of the
FLASH is fixed to F7h. This means that all the options have “1” as their default value, except
LVD.
In ROM devices, the Option Byte is fixed in hardware by the ROM code.
Option Byte
7
0
--
--
WDG SW
WD HALT
LVD
--
OSC 24/12
FMP_R
OPT 7:6 Reserved
OPT 5 WDGSW Hardware or Software Watchdog
This option bit selects the watchdog type.
0: Hardware enabled
1: Software enabled
OPT 4 WDHALT Watchdog and Halt mode
This option bit determines if a reset is generated when entering Halt mode while the
Watchdog is active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT 3 LVD Low voltage detector selection
This option bit selects the LVD.
0: LVD enabled
1: LVD disabled
Note: Important: on ST7263BK1M1, ST7263BK2M1, ST7263BK2B1, and
ST7263BK2B1 ROM devices, this option bit is forced by ST to 0 (LVD
always enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com