Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 172Page - STMicroelectronics ST7263BEx Datasheet HTML 173Page - STMicroelectronics ST7263BEx Datasheet HTML 174Page - STMicroelectronics ST7263BEx Datasheet HTML 175Page - STMicroelectronics ST7263BEx Datasheet HTML 176Page - STMicroelectronics ST7263BEx Datasheet HTML 177Page - STMicroelectronics ST7263BEx Datasheet HTML 178Page - STMicroelectronics ST7263BEx Datasheet HTML 179Page - STMicroelectronics ST7263BEx Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 186 page
background image
Device configuration and ordering information
ST7263Bxx
176/186
Doc ID 7516 Rev 8
Figure 84.
Option list
ST7263B MICROCONTROLLER OPTION LIST
(Last update: May 2009)
Customer: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference : . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ROM code must be sent in .S19 format.
Hex extension cannot be processed.
STMicroelectronics references:
Device Type/Memory Size/Package (check only one option):
------------|----------------|----------------|----------------|----------------
|ROM DEVICE: |
4K
|
8K
|
16K
|
32K
|
-------------|----------------|----------------|----------------|----------------|
SDIP32:
|[ ] ST7263BK1B1 |[ ] ST7263BK2B1 |
|
|
SO34:
|[ ] ST7263BK1M1 |[ ] ST7263BK2M1 |
|
|
-------------|----------------|----------------|----------------|----------------|
FLASH
|
4K
|
8K
|
16K
|
32K
|
-------------|----------------|----------------|----------------|----------------|
SO24:
|[ ] ST72F63BE1M1|[ ] ST72F63BE2M1|[ ] ST72F63BE4M1|[ ] ST72F63BE6M1|
SDIP32:
|[ ] ST72F63BK1B1|[ ] ST72F63BK2B1|[ ] ST72F63BK4B1|[ ] ST72F63BK6B1|
SO34:
|[ ] ST72F63BK1M1|[ ] ST72F63BK2M1|[ ] ST72F63BK4M1|[ ] ST72F63BK6M1|
QFN40
|
|[ ] ST72F63BK2U1|
|[ ] ST72F63BD6U1|
LQFP48:
|
|[ ] ST72F63BH2T1|[ ] ST72F63BH4T1|[ ] ST72F63BH6T1|
-------------|----------------|----------------|----------------|----------------|
DIE FORM:
|
4K
|
8K
|
16K
|
32K
|
-------------|----------------|----------------|----------------|-----------------|
24-pin:
|[ ] (as E1M1)
|[ ] (as E2M1)
|[ ] (as E4M1)
|[ ] (as E6M1)
|
32-pin:
|[ ] (as K1B1)
|[ ] (as K2B1)
|[ ] (as K4B1)
|[ ] (as K6B1)
|
34-pin:
|[ ] (as K1M1)
|[ ] (as K2M1)
|[ ] (as K4M1)
|[ ] (as K6M1)
|
40-pin:
|
|[ ] (as H2U1)
|
|[ ] (as D6U1)
|
48-pin:
|
|[ ] (as H2T1)
|[ ] (as H4T1)
|[ ] (as H6T1)
|
Conditioning (check only one option)
:
--------------------------------------|-----------------------------------------
Packaged Product
| Die Product (dice tested at 25°C only) |
--------------------------------------|-----------------------------------------
[ ] Tape & Reel (SO package only)
| [ ] Tape & Reel
[ ] Tube
| [ ] Inked wafer
| [ ] Sawn wafer on sticky foil
Special Marking ( ROM only):
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _"
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
For marking, one line is possible with a maximum of 13 characters.
Watchdog Selection:
[ ] Software activation [ ] Hardware activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
LVD Reset *
[ ] Disabled*
[ ] Enabled*
* LVD is forced to 0 (LVD always enabled) for 4K and 8K ROM devices
(sales types ST7263BK1B1, ST7263BK2B1, ST7263BK1M1, ST72BK2M1 only)
Oscillator Selection:
[ ] 24 MHz.
[ ] 12 MHz.
Readout Protection:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com