Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
108/179
Doc ID 16252 Rev 2
●
Initialize Timer 2 to 0xE7 by writing 0xE7 in the Timer 2 counter (TIM2_CNTL).
●
Enable Timer 2 by writing 1 in the TIM_CEN bit (TIM2_CR1 register).
●
Start Timer 1 by writing 1 in the TIM_CEN bit (TIM1_CR1 register).
●
Stop Timer 1 by writing 0 in the TIM_CEN bit (TIM1_CR1 register).
Figure 42.
Gating timer 2 with enable of timer 1
Using one timer to start the other timer
In this example, the enable of Timer 2 is set with the update event of Timer 1. Refer to
Figure 40 for connections. Timer 2 starts counting from its current value (which can be non-
zero) on the divided internal clock as soon as Timer 1 generates the update event.
When Timer 2 receives the trigger signal its TIM_CEN bit is automatically set and the
counter counts until 0 is written to the TIM_CEN bit in the TIM2_CR1 register. Both counter
clock frequencies are divided by 3 by the prescaler compared to CK_INT (fCK_CNT =
fCK_INT/3).
●
Configure Timer 1 in master mode to send its update event as trigger output
(TIM_MMS = 010 in the TIM1_CR2 register).
●
Configure the Timer 1 period (TIM1_ARR register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TIM_TS = 000 in the
TIM2_SMCR register).
●
Configure Timer 2 in trigger mode (TIM_SMS = 110 in the TIM2_SMCR register).
●
Start Timer 1: Write 1 in the TIM_CEN bit (TIM1_CR1 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com