Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 106Page - STMicroelectronics STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics STM32W108CB Datasheet HTML 113Page - STMicroelectronics STM32W108CB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
110/179
Doc ID 16252 Rev 2
●
Configure Timer 2 to get the input trigger from Timer 1 (TIM_TS = 000 in the
TIM2_SMCR register).
●
Configure Timer 2 in trigger mode (TIM_SMS = 110 in the TIM2_SMCR register).
When a rising edge occurs on TI1 (Timer 1), both counters start counting synchronously on
the internal clock and both timers' INT_TIMTIF flags are set.
Note:
In this example both timers are initialized before starting by setting their respective TIM_UG
bits. Both counters starts from 0, but an offset can be inserted between them by writing any
of the counter registers (TIMx_CNT). The master/slave mode inserts a delay between
CNT_EN and CK_PSC on Timer 1.
Figure 45.
Triggering timer 1 and 2 with timer 1 TI1 input
8.1.15
Timer signal descriptions
Table 14.
Timer signal descriptions
Signal
Internal/external
Description
CK_INT
Internal
Internal clock source: connects to STM32W108 peripheral
clock (PCLK) in internal clock mode.
CK_PSC
Internal
Input to the clock prescaler.
ETR
Internal
External trigger input (used in external timer mode 2): a clock
selected by TIM_EXTRIGSEL in TIMx_OR.
ETRF
Internal
External trigger: ETRP after filtering.
ETRP
Internal
External trigger: ETR after polarity selection, edge detection
and prescaling.
ICy
External
Input capture or clock: TIy after filtering and edge detection.
ICyPS
Internal
Input capture signal after filtering, edge detection and
prescaling: input to the capture register.
ITR0
Internal
Internal trigger input: connected to the other timer's output,
TRGO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com