Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 107Page - STMicroelectronics STM32W108CB Datasheet HTML 108Page - STMicroelectronics STM32W108CB Datasheet HTML 109Page - STMicroelectronics STM32W108CB Datasheet HTML 110Page - STMicroelectronics STM32W108CB Datasheet HTML 111Page - STMicroelectronics STM32W108CB Datasheet HTML 112Page - STMicroelectronics STM32W108CB Datasheet HTML 113Page - STMicroelectronics STM32W108CB Datasheet HTML 114Page - STMicroelectronics STM32W108CB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 179 page
background image
STM32W108CB, STM32W108HB
General-purpose timers
Doc ID 16252 Rev 2
111/179
8.2
Interrupts
Each timer has its own ARM® Cortex-M3 vectored interrupt with programmable priority.
Writing 1 to the INT_TIMx bit in the INT_CFGSET register enables the TIMx interrupt, and
writing 1 to the INT_TIMx bit in the INT_CFGCLR register disables it. Section 10: Interrupts
on page 143 describes the interrupt system in detail.
Several kinds of timer events can generate a timer interrupt, and each has a status flag in
the INT_TIMxFLAG register to identify the reason(s) for the interrupt:
●
INT_TIMTIF - set by a rising edge on an external trigger, either edge in gated mode
●
INT_TIMCCRyIF -set by a channel y input capture or output compare event
●
INT_TIMUIF - set by an update event
Clear bits in INT_TIMxFLAG by writing a 1 to their bit position. When a channel is in capture
mode, reading the TIMx_CCRy register will also clear the INT_TIMCCRyIF bit.
The INT_TIMxCFG register controls whether or not the INT_TIMxFLAG bits actually request
an ARM® Cortex-M3 timer interrupt. Only the events whose bits are set to 1 in
INT_TIMxCFG can do so.
If an input capture or output compare event occurs and its INT_TIMMISSCCyIF is already
set, the corresponding capture/compare missed flag is set in the INT_TMRxMISS register.
Clear a bit in the INT_TMRxMISS register by writing a 1 to it.
OCy
External
Output compare: TIMxCy when used as an output. Same as
OCyREF but includes possible polarity inversion.
OCyREF
Internal
Output compare reference: always active high, but may be
inverted to produce OCy.
PCLK
External
Peripheral clock connects to CK_INT and used to clock input
filtering. Its frequency is 12MHz if using the 24MHz crystal
oscillator and 6Mhz if using the 12MHz RC oscillator.
TIy
Internal
Timer input: TIMxCy when used as a timer input.
TIyFPy
Internal
Timer input after filtering and polarity selection.
TIMxCy
Internal
Timer channel at a GPIO pin: can be a capture input (ICy) or
a compare output (OCy).
TIMxCLK
External
Clock input (if selected) to the external trigger signal (ETR).
TIMxMSK
External
Clock mask (if enabled) AND'ed with the other timer's
TIMxCLK signal.
TRGI
Internal
Trigger input for slave mode controller.
Table 14.
Timer signal descriptions (continued)
Signal
Internal/external
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com