Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 127Page - STMicroelectronics STM32W108CB Datasheet HTML 128Page - STMicroelectronics STM32W108CB Datasheet HTML 129Page - STMicroelectronics STM32W108CB Datasheet HTML 130Page - STMicroelectronics STM32W108CB Datasheet HTML 131Page - STMicroelectronics STM32W108CB Datasheet HTML 132Page - STMicroelectronics STM32W108CB Datasheet HTML 133Page - STMicroelectronics STM32W108CB Datasheet HTML 134Page - STMicroelectronics STM32W108CB Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 179 page
background image
STM32W108CB, STM32W108HB
Analog-to-digital converter
Doc ID 16252 Rev 2
131/179
9.1
Functional description
9.1.1
Setup and configuration
To use the ADC follow this procedure, described in more detail in the next sections:
●
Configure any GPIO pins to be used by the ADC in analog mode.
●
Configure the voltage reference (internal or external).
●
Set the offset and gain values.
●
Reset the ADC DMA, define the DMA buffer, and start the DMA in the proper transfer
mode.
●
If interrupts will be used, configure the primary ADC interrupt and specific mask bits.
●
Write the ADC configuration register to define the inputs, voltage range, sample time,
and start the conversions.
9.1.2
GPIO usage
A GPIO pin used by the ADC as an input or voltage reference must be configured in analog
mode by writing 0 to its 4-bit field in the proper GPIO_PnCFGH/L register. Note that a GPIO
pin in analog mode cannot be used for any digital functions, and software always reads it as
1.
See Section 6: General-purpose input/outputs on page 46 for more information about how
to configure the GPIO pins.
9.1.3
Voltage reference
The ADC voltage reference (VREF), may be internally generated or externally sourced from
PB0. If internally generated, it may optionally be output on PB0.
To use an external reference, an ST system function must be called after reset and after
waking from deep sleep. PB0 must also be configured in analog mode using
GPIO_PBCFGH[3:0]. See the STM32W108 HAL documentation for more information on the
system functions required to use an external reference.
Table 15.
ADC GPIO pin usage
Analog Signal
GPIO
Configuration control
ADC0 input
PB5
GPIO_PBCFGH[7:4]
ADC1 input
PB6
GPIO_PBCFGH[11:8]
ADC2 input
PB7
GPIO_PBCFGH[15:12]
ADC3 input
PC1
GPIO_PCCFGH[7:4]
ADC4 input
PA4
GPIO_PACFGH[3:0]
ADC5 input
PA5
GPIO_PACFGH[7:4]
VREF input or output
PB0
GPIO_PBCFGH[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com