Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 131Page - STMicroelectronics STM32W108CB Datasheet HTML 132Page - STMicroelectronics STM32W108CB Datasheet HTML 133Page - STMicroelectronics STM32W108CB Datasheet HTML 134Page - STMicroelectronics STM32W108CB Datasheet HTML 135Page - STMicroelectronics STM32W108CB Datasheet HTML 136Page - STMicroelectronics STM32W108CB Datasheet HTML 137Page - STMicroelectronics STM32W108CB Datasheet HTML 138Page - STMicroelectronics STM32W108CB Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 179 page
background image
STM32W108CB, STM32W108HB
Analog-to-digital converter
Doc ID 16252 Rev 2
135/179
Note:
ADC sample timing is the same whether the STM32W108 is using the 24 MHz crystal
oscillator or the 12 MHz high-speed RC oscillator. This facilitates using the ADC soon after
the CPU wakes from deep sleep, before switching to the crystal oscillator.
9.1.7
Operation
Setting the ADC_EN bit in the ADC_CFG register enables the ADC; once enabled, it
performs conversions continuously until it is disabled. If the ADC had previously been
disabled, a 21 µs analog startup delay is imposed before the ADC starts conversions. The
delay timing is performed in hardware and is simply added to the time until the first
conversion result is output.
When the ADC is first enabled, and or if any change is made to ADC_CFG after it is
enabled, the time until a result is output is double the normal sample time. This is because
the ADC’s internal design requires it to discard the first conversion after startup or a
configuration change. This is done automatically and is hidden from software except for the
longer timing. Switching the processor clock between the RC and crystal oscillator also
causes the ADC to go through this startup cycle. If the ADC was newly enabled, the analog
delay time is added to the doubled sample time.
If the DMA is running when ADC_CFG is modified, the DMA does not stop, so the DMA
buffer may contain conversion results from both the old and new configurations.
The following procedure illustrates a simple polled method of using the ADC. After
completing the procedure, the latest conversion results is available in the location written to
by the DMA. This assumes that any GPIOs and the voltage reference have already been
configured.
1.
Allocate a 16-bit signed variable, for example analogData, to receive the ADC output.
(Make sure that analogData is half-word aligned – that is, at an even address.)
2.
Disable all ADC interrupts – write 0 to INT_ADCCFG.
3.
Set up the DMA to output conversion results to the variable, analogData.
Reset the DMA – set the ADC_DMARST bit in ADC_DMACFG.
Define a one sample buffer – write analogData’s address to ADC_DMABEG, set
ADC_DMASIZE to 1.
4.
Write the desired offset and gain correction values to the ADC_OFFSET and
ADC_GAIN registers.
5.
Start the ADC and the DMA.
Write the desired conversion configuration, with the ADC_EN bit set, to ADC_CFG.
Clear the ADC buffer full flag – write INT_ADCULDFULL to INT_ADCFLAG.
Start the DMA in auto wrap mode – set the ADC_DMAAUTOWRAP and
ADC_DMALOAD bits in ADC_DMACFG.
6.
Wait until the INT_ADCULDFULL bit is set in INT_ADCFLAG, then read the result from
analogData.
To convert multiple inputs using this approach, repeat steps 4 through 6, loading the desired
input configurations to ADC_CFG in step 5. If the inputs can use the same offset/gain
correction, just repeat steps 5 and 6.
9.1.8
Calibration
Sampling of internal connections GND, VREF/2, and VREF allow for offset and gain
calibration of the ADC in applications where absolute accuracy is important. Measurement
of the regulated supply VDD_PADSA provides an accurate means of calibrating the ADC as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com