Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 134Page - STMicroelectronics STM32W108CB Datasheet HTML 135Page - STMicroelectronics STM32W108CB Datasheet HTML 136Page - STMicroelectronics STM32W108CB Datasheet HTML 137Page - STMicroelectronics STM32W108CB Datasheet HTML 138Page - STMicroelectronics STM32W108CB Datasheet HTML 139Page - STMicroelectronics STM32W108CB Datasheet HTML 140Page - STMicroelectronics STM32W108CB Datasheet HTML 141Page - STMicroelectronics STM32W108CB Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 179 page
background image
Analog-to-digital converter
STM32W108CB, STM32W108HB
138/179
Doc ID 16252 Rev 2
9.3
Analog-to-digital converter (ADC) registers
9.3.1
ADC configuration register (ADC_CFG)
Address offset: 0xD004
Reset value:
0x0000 1800
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADC_PERIOD
ADC_
HVSE
LP
ADC_
HVSE
LN
ADC_MUXP
ADC_
MUXP
ADC_MUXN
ADC_1
MHZC
LK
ST Re-
served
ADC_E
NABLE
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[15:13] ADC_PERIOD: ADC sample time in clocks and the equivalent significant bits in the conversion.
0: 32 clocks (5 bits).4: 512 clocks (9 bits).
1: 64 clocks (6 bits).5: 1024 clocks (10 bits).
2: 128 clocks (7 bits).6: 2048 clocks (11 bits).
3: 256 clocks (8 bits).7: 4096 clocks (12 bits).
[12] ADC_HVSELP: Select voltage range for the P input channel.
0: Low voltage range (input buffer disabled).
1: High voltage range (input buffer enabled).
[11] ADC_HVSELN: Select voltage range for the N input channel.
0: Low voltage range (input buffer disabled).
1: High voltage range (input buffer enabled).
[10:7] ADC_MUXP: Input selection for the P channel.
0x0: PB5 pin.0x8: GND (0V) (not for high voltage range).
0x1: PB6 pin.0x9: VREF/2 (0.6V).
0x2: PB7 pin.0xA: VREF (1.2V).
0x3: PC1 pin.0xB: VREG/2 (0.9V) (not for high voltage range).
0x4: PA4 pin.0x6, 0x7, 0xC-0xF: Reserved.
0x5: PA5 pin.
[6:3] ADC_MUXN: Input selection for the N channel.
Refer to ADC_MUXP above for choices.
[2] ADC_1MHZCLK: Select ADC clock:
0: 6 MHz1: 1 MHz.
[1] Reserved: this bit must always be set to 0.
[0] ADC_ENABLE: Enable the ADC: write 1 to enable continuous conversions, write 0 to stop.
When the ADC is started the first conversion takes twice the usual number of clocks plus 21
microseconds. If anything in this register is modified while the ADC is running, the next
conversion takes twice the usual number of clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com