Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 130Page - STMicroelectronics STM32W108CB Datasheet HTML 131Page - STMicroelectronics STM32W108CB Datasheet HTML 132Page - STMicroelectronics STM32W108CB Datasheet HTML 133Page - STMicroelectronics STM32W108CB Datasheet HTML 134Page - STMicroelectronics STM32W108CB Datasheet HTML 135Page - STMicroelectronics STM32W108CB Datasheet HTML 136Page - STMicroelectronics STM32W108CB Datasheet HTML 137Page - STMicroelectronics STM32W108CB Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 179 page
background image
Analog-to-digital converter
STM32W108CB, STM32W108HB
134/179
Doc ID 16252 Rev 2
Input range
ADC inputs can be routed through input buffers to expand the input voltage range. The input
buffers have a fixed 0.25 gain and the converted data is scaled by that factor.
With the input buffers disabled the single-ended input range is 0 to VREF and the differential
input range is -VREF to +VREF. With the input buffers enabled the single-ended range is 0
to VDD_PADS and the differential range is -VDD_PADS to +VDD_PADS.
The input buffers are enabled for the ADC P and N inputs by setting the ADC_HVSELP and
ADC_HVSELN bits respectively, in the ADC_CFG register. The ADC accuracy is reduced
when the input buffer is selected.
Sample time
ADC sample time is programmed by selecting the sampling clock and the clocks per
sample.
●
The sampling clock may be either 1 MHz or 6 MHz. If the ADC_1MHZCLK bit in the
ADC_CFG register is clear, the 6 MHz clock is used; if it is set, the 1 MHz clock is
selected. The 6 MHz sample clock offers faster conversion times but the ADC
resolution is lower than that achieved with the 1 MHz clock.
●
The number of clocks per sample is determined by the ADC_PERIOD bits in the
ADC_CFG register. ADC_PERIOD values select from 32 to 4096 sampling clocks in
powers of two. Longer sample times produce more significant bits. Regardless of the
sample time, converted samples are always 16-bits in size with the significant bits left-
aligned within the value.
Table 18 shows the options for ADC sample times and the significant bits in the conversion
results.
VREF
VREF/2
10
9
Calibration
VDD_PADSA/2
VREF/2
11
9
Calibration
Table 18.
ADC sample times
ADC_PERIOD
Sample
Clocks
Sample Time (µs)
Sample Frequency (kHz)
Significant
Bits
1 MHz clock 6 MHz clock 1 MHz clock 6 MHz clock
032
325.33
31.3
188
5
1
64
64
10.7
15.6
93.8
6
2
128
128
21.3
7.81
46.9
7
3
256
256
42.7
3.91
23.4
8
4
512
512
85.3
1.95
11.7
9
5
1024
1024
170
0.977
5.86
10
6
2048
2048
341
0.488
2.93
11
7
4096
4096
682
0.244
1.47
12
Table 17.
Typical ADC input configurations (continued)
ADC P input
ADC N input
ADC_MUXP
ADC_MUXN
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com