Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 1 Page - Microchip Technology

  24C01C Datasheet HTML 1Page - Microchip Technology 24C01C Datasheet HTML 2Page - Microchip Technology 24C01C Datasheet HTML 3Page - Microchip Technology 24C01C Datasheet HTML 4Page - Microchip Technology 24C01C Datasheet HTML 5Page - Microchip Technology 24C01C Datasheet HTML 6Page - Microchip Technology 24C01C Datasheet HTML 7Page - Microchip Technology 24C01C Datasheet HTML 8Page - Microchip Technology 24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21201J-page 1
24C01C
Features:
• Single Supply with Operation from 4.5V to 5.5V
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 5
μA, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 1 ms max.
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• ESD Protection >4000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN and MSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
Description:
The Microchip Technology Inc. 24C01C is a 1K bit
Serial Electrically Erasable PROM with a voltage range
of 4.5V to 5.5V. The device is organized as a single
block of 128 x 8-bit memory with a 2-wire serial
interface. Low-current design permits operation with
max. standby and active currents of only 5
μA and 1
mA, respectively. The device has a page write capabil-
ity for up to 16 bytes of data and has fast write cycle
times of only 1 ms for both byte and page writes. Func-
tional address lines allow the connection of up to eight
24C01C devices on the same bus for up to 8K bits of
contiguous EEPROM memory. The device is available
in the standard 8-pin PDIP, 8-pin SOIC (3.90 mm),
8-pin 2x3 DFN and TDFN, 8-pin MSOP and TSSOP
packages.
Block Diagram
Package Types
- Industrial (I):
-40
°C to +85°C
- Automotive (E):
-40
°C to +125°C
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
A0
A1
A2
VSS
VCC
Test
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
Test
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
Test
SCL
SDA
VCC
8
7
6
5
1
2
3
4
1K 5.0V I2C™ Serial EEPROM


Similar Part No. - 24C01C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C01C-E/MC MICROCHIP-24C01C-E/MC Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/MS MICROCHIP-24C01C-E/MS Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/P MICROCHIP-24C01C-E/P Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01C-E/SN MICROCHIP-24C01C-E/SN Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
More results

Similar Description - 24C01C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24C01C MICROCHIP-24C01C_07 Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
24LC01B-SN MICROCHIP-24LC01B-SN Datasheet
515Kb / 35P
1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com