Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F107RC Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F107RC
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RC Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F107RC Datasheet HTML 85Page - STMicroelectronics STM32F107RC Datasheet HTML 86Page - STMicroelectronics STM32F107RC Datasheet HTML 87Page - STMicroelectronics STM32F107RC Datasheet HTML 88Page - STMicroelectronics STM32F107RC Datasheet HTML 89Page - STMicroelectronics STM32F107RC Datasheet HTML 90Page - STMicroelectronics STM32F107RC Datasheet HTML 91Page - STMicroelectronics STM32F107RC Datasheet HTML 92Page - STMicroelectronics STM32F107RC Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
STM32F105xx, STM32F107xx
Applicative block diagrams
Doc ID 15274 Rev 4
89/95
A.4
USB OTG FS interface + Ethernet/I2S interface solutions
With the clock tree implemented on the STM32F107xx, only one crystal is required to work
with both the USB (host/device/OTG) and the Ethernet (MII/RMII) interfaces. Figure 48
illustrate the solution.
Figure 48.
USB OTG FS + Ethernet solution
With the clock tree implemented on the STM32F107xx, only one crystal is required to work
with both the USB (host/device/OTG) and the I2S (Audio) interfaces. Figure 49 illustrate the
solution.
Figure 49.
USB OTG FS + I2S (Audio) solution
25 MHz
XTAL
OTG
48 MHz
MCO
PLL2
x8
MCU
MCO
Div
by 5
sel
Div by 3
PLL
x9
VCO
Out
x18
Div
by 5
Ethernet
PHY
PHY
STM32F107
Cortex-M3 core
Up to
50 MHz
I2S
PLL3
x10
SCLK
MCLK
2% accuracy
error
up to
72 MHz
ai15662b
sel
14.7456 MHz
XTAL
OTG
47.9232 MHz
MCO
PLL2
x12
MCU
MCO
Div
by 4
sel
Div by 3
PLL
x6.5
VCO
Out
x13
Div
by 4
PHY
STM32F105/STM32F107
Cortex-M3 core
Up to
147.456 MHz
I2S
PLL3
VCO
Out
x40
SCLK
MCLK
Less than 0.5% accuracy
error on MCLK and SCLK
Up to
71.88 MHz
ai15663b
0.16% accuracy error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com