Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-259 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-259
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-259 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-259 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPST Switch
DC - 2.5 GHz
Rev. V7
SW-259
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C
4
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
0.5
0.8
1.0
1.4
0.6
1.0
1.2
1.6
Isolation
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
62
55
45
32
65
58
48
35
—
—
—
—
VSWR On
VSWR Off
DC - 2.0 GHz
DC - 2.0 GHz
Ratio
Ratio
1.2:1
1.2:1
—
—
—
—
1 dB Compression
Input Power
0.05 GHz
0.5-2.0 GHz
dBm
dBm
—
—
18
23
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
4
2nd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
55
68
—
—
3rd Order Intercept
Measured Relative to Input Power, two-tone up to +5 dBm
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
40
46
—
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
8
Transients
In-Band
mV
—
35
4. All measurements with 0, -5 V control voltages at 1 GHz in a 50
Ω system, unless otherwise specified.
SOIC-8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com