Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-259 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-259
Description  GaAs SPST Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-259 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-259 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-259 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPST Switch
DC - 2.5 GHz
Rev. V7
SW-259
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Very Low Power Consumption: 50 µW
• Low Insertion Loss: 1.0 dB
• High Isolation: 35 dB up to 2 GHz
• Very High Intercept Point: 46 dBm IP3
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Low Cost SOIC-8 Plastic Package
• Tape and Reel Packaging Available
Description
M/A-COM’s SW-259 is a GaAs MMIC SPST switch
in a low cost SOIC-8 lead surface mount plastic
package. The SW-259 is ideally suited for use where
low power consumption is required. Typical applica-
tions include transmit/receive switching, switch ma-
trices and switched filter banks in systems such as
radio and cellular equipment, PCM, GPS, fiber optic
modules, and other battery powered radio equip-
ment.
The SW-259 is fabricated using a monolithic GaAs
MMIC using a mature 1 micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
1
Part Number
Package
SW-259 PIN
Bulk Packaging
SW-259TR
1000 piece reel
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Input Power
3
0.05 GHz
0.5-2.0 GHz
+27 dBm
+34 dBm
Control Voltage
+5 V, -8.5 V
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. When the RF Input power is applied to a terminated port, the
absolute maximum is +32 dBm.
PIN No.
Description
PIN No.
Description
1
Ground
5
RF2
2
A
6
Ground
3
B
7
Ground
4
Ground
8
RF1
Pin Configuration
Functional Schematic
8
7
6
5
1
2
3
4


Similar Part No. - SW-259

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
SW-259 MA-COM-SW-259 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-259PIN MACOM-SW-259PIN Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-259RTR MACOM-SW-259RTR Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-259TR MACOM-SW-259TR Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
More results

Similar Description - SW-259

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
SW-259 MACOM-SW-259 Datasheet
102Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASWSS0162 MACOM-MASWSS0162 Datasheet
169Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
SW-214-PIN MACOM-SW-214-PIN Datasheet
111Kb / 3P
GaAs SPST Switch, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G Datasheet
73Kb / 4P
GaAs SPST Switch DC - 6.0 GHz
SW-214-PIN MA-COM-SW-214-PIN Datasheet
55Kb / 3P
GaAs SPST Switch, DC - 3 GHz
MASWSS0162 MA-COM-MASWSS0162 Datasheet
88Kb / 3P
GaAs SPST Switch DC - 2.5 GHz
MASW6020G MA-COM-MASW6020G_15 Datasheet
544Kb / 5P
GaAs SPST Switch DC - 6.0 GHz
MASWSS0162 MA-COM-MASWSS0162_15 Datasheet
571Kb / 4P
GaAs SPST Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com