Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4T6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8L152C4T6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4T6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8L152C4T6 Datasheet HTML 78Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 79Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 80Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 81Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 82Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 83Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 84Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 85Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
82/101
Doc ID 15962 Rev 2
VLCD external capacitor (STM8L152xx only)
The application can achieve a stabilized LCD reference voltage by connecting an external
capacitor CEXT to the VLCD pin. CEXT is specified in Table 39.
8.3.9
Embedded reference voltage
8.3.10
Temperature sensor
Table 40.
Reference voltage characteristics(1)
Symbol
Parameter
Min
Typ
Max.
Unit
IREFINT
Internal reference voltage consumption
1.4
µA
TS_VREFINT
ADC sampling time when reading the
internal reference voltage(2)
510
µs
IBUF
Internal reference voltage buffer
consumption (used for ADC)
13.5
25
µA
VREFINT out
Reference voltage output
TBD
1.225
TBD
V
VREFINT_DIV1
1/4 reference voltage
25
%VREFINT_COMP
VREFNT_DIV2
1/2 reference voltage
50
VREFNT_DIV3
3/4 reference voltage
75
ILPBUF
Internal reference voltage low power buffer
consumption (used for comparators or
output)
730
1200
nA
IREFOUT
Buffer ouptut current(3)
1µA
CREFOUT
Reference voltage output load
50
pF
tVREFINT
Internal reference voltage startup time
2
TBD
ms
tBUFEN
Internal reference voltage buffer startup
time once enabled (2)
10
µs
ACCVREFINT
Accuracy of VREFINT stored in engibyte
± 5
mV
STABVREFINT
Stability of VREFINT in temperature
20
50
ppm/°C
STABVREFINT
Stability of VREFINT after 1000 hours
TBD
ppm
1.
Based on characterization results, unless otherwise specified
2.
Defined when ADC output reaches its final value ±1/2LSB
3.
To guaranty less than 1%
VREFOUT deviation
Table 41.
TS characteristics(1)
Symbol
Parameter
Min
Typ
Max.
Unit
V25
Sensor reference voltage at 25°C
TBD
0.495
TBD
V
TL
VSENSOR linearity with temperature
TBD
TBD
°C
Avg_slope
Average slope
TBD
TBD
TBD
mV/°C
IDD(TEMP)
Consumption
3.4
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com