Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C4T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8L152C4T6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8L152C4T6 Datasheet HTML 26Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 27Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 28Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 29Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 30Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 31Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 32Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 33Page - STMicroelectronics STM8L152C4T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 101 page
background image
Pin description
STM8L151xx, STM8L152xx
30/101
Doc ID 15962 Rev 2
4.1
System configuration options
As shown in Table 4: STM8L15x pin description, some alternate functions can be remapped
on different I/O ports by programming one of the two remapping registers described in the “
Routing interface (RI) and system configuration controller” section in the STM8L15xxx
reference manual (RM0031).
-8
7 VDD/VDDA/VREF+
S
Digital power supply / Analog supply
voltage / ADC1 positive voltage reference
97
6 VSS/VSSA/VREF-
S
I/O ground / Analog ground voltage /
ADC1 negative voltage reference
39
-
- VDDIO
S
IOs supply voltage
40
-
- VSSIO
S
IOs ground voltage
132 28
PA0/[USART1_CK](3)/
SWIM/BEEP/IR_TIM (6)
I/O
X
XX
HS
(6)
XX Port A0
[USART1 synchronous clock](3) /
SWIM input and output /
Beep output / Infrared Timer out-
put
1.
When the PA1/NRST pin is used as general purpose (PA1), it can be configured only as output push-pull, not as a general
purpose input. Refer to Section Configuring NRST/PA1 pin as general purpose output in the STM8L15x reference manual
(RM0031).
2.
Available on STM8L152xx devices only.
3.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
4.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not implemented).
5.
Available on STM8L151xx devices only.
6.
High Sink LED driver capability available on PA0.
Table 4.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com