Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 75Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 76Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 77Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 78Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 79Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 80Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 81Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 82Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
Doc ID 14611 Rev 7
79/123
Figure 41.
NAND controller waveforms for common memory write access
Table 40.
Switching characteristics for NAND Flash read and write cycles(1)
1.
CL = 15 pF.
Symbol
Parameter
Min
Max
Unit
td(D-NWE)
(2)
2.
Based on characterization, not tested in production.
FSMC_D[15:0] valid before FSMC_NWE high
6THCLK + 12
ns
tw(NOE)
(2)
FSMC_NOE low width
4THCLK – 1.5 4THCLK + 1.5 ns
tsu(D-NOE)
(2)
FSMC_D[15:0] valid data before FSMC_NOE
high
25
ns
th(NOE-D)
(2)
FSMC_D[15:0] valid data after FSMC_NOE high 7
ns
tw(NWE)
(2)
FSMC_NWE low width
4THCLK – 1
4THCLK + 2.5 ns
tv(NWE-D)
(2)
FSMC_NWE low to FSMC_D[15:0] valid
0
ns
th(NWE-D)
(2)
FSMC_NWE high to FSMC_D[15:0] invalid
10THCLK + 4
ns
td(ALE-NWE)
(3)
3.
Guaranteed by design, not tested in production.
FSMC_ALE valid before FSMC_NWE low
3THCLK + 1.5 ns
th(NWE-ALE)
(3) FSMC_NWE high to FSMC_ALE invalid
3THCLK + 4.5
ns
td(ALE-NOE)
(3)
FSMC_ALE valid before FSMC_NOE low
3THCLK + 2
ns
th(NOE-ALE)
(3)
FSMC_NWE high to FSMC_ALE invalid
3THCLK + 4.5
ns
tw(NWE)
th(NWE-D)
tv(NWE-D)
ai14913b
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
td(D-NWE)
ALE (FSMC_A17)
CLE (FSMC_A16)
FSMC_NCEx
Low
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com