Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 18Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 19Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 20Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 21Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 22Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 23Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 24Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 25Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 123 page
background image
Description
STM32F103xC, STM32F103xD, STM32F103xE
22/123
Doc ID 14611 Rev 7
2.3.24
Universal serial bus (USB)
The STM32F103xC, STM32F103xD and STM32F103xE performance line embed a USB
device peripheral compatible with the USB full-speed 12 Mbs. The USB interface
implements a full-speed (12 Mbit/s) function interface. It has software-configurable endpoint
setting and suspend/resume support. The dedicated 48 MHz clock is generated from the
internal main PLL (the clock source must use a HSE crystal oscillator).
2.3.25
GPIOs (general-purpose inputs/outputs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions. All GPIOs are high current-
capable except for analog inputs.
The I/Os alternate function configuration can be locked if needed following a specific
sequence in order to avoid spurious writing to the I/Os registers.
I/Os on APB2 with up to 18 MHz toggling speed
2.3.26
ADC (analog to digital converter)
Three 12-bit analog-to-digital converters are embedded into STM32F103xC, STM32F103xD
and STM32F103xE performance line devices and each ADC shares up to 21 external
channels, performing conversions in single-shot or scan modes. In scan mode, automatic
conversion is performed on a selected group of analog inputs.
Additional logic functions embedded in the ADC interface allow:
●
Simultaneous sample and hold
●
Interleaved sample and hold
●
Single shunt
The ADC can be served by the DMA controller.
An analog watchdog feature allows very precise monitoring of the converted voltage of one,
some or all selected channels. An interrupt is generated when the converted voltage is
outside the programmed thresholds.
The events generated by the general-purpose timers (TIMx) and the advanced-control
timers (TIM1 and TIM8) can be internally connected to the ADC start trigger and injection
trigger, respectively, to allow the application to synchronize A/D conversion and timers.
2.3.27
DAC (digital-to-analog converter)
The two 12-bit buffered DAC channels can be used to convert two digital signals into two
analog voltage signal outputs. The chosen design structure is composed of integrated
resistor strings and an amplifier in inverting configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com