Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103VCT6 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32F103VCT6
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 115Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 116Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 117Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 118Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 119Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 120Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 121Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 122Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 123Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 123 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Revision history
Doc ID 14611 Rev 7
121/123
30-Mar-2009
5
I/O information clarified on page 1. Figure 4: STM32F103xC and
STM32F103xE performance line BGA100 ballout corrected.
I/O information clarified on page 1.
In Table 5: High-density STM32F103xx pin definitions:
– I/O level of pins PF11, PF12, PF13, PF14, PF15, G0, G1 and G15
updated
– PB4, PB13, PB14, PB15, PB3/TRACESWO moved from Default
column to Remap column
PG14 pin description modified in Table 6: FSMC pin definition.
Figure 9: Memory map on page 38 modified.
Note modified in Table 14: Maximum current consumption in Run mode,
code with data processing running from Flash and Table 16: Maximum
current consumption in Sleep mode, code running from Flash or RAM.
Figure 17, Figure 18 and Figure 19 show typical curves (titles
changed).
Table 21: High-speed external user clock characteristics and Table 22:
Low-speed external user clock characteristics modified. ACCHSI max
values modified in Table 25: HSI oscillator characteristics.
FSMC configuration modified for Asynchronous waveforms and timings.
Notes modified below Figure 24: Asynchronous non-multiplexed
SRAM/PSRAM/NOR read waveforms and Figure 25: Asynchronous
non-multiplexed SRAM/PSRAM/NOR write waveforms.
tw(NADV) values modified in Table 31: Asynchronous non-multiplexed
SRAM/PSRAM/NOR read timings and Table 34: Asynchronous
multiplexed PSRAM/NOR write timings. th(Data_NWE) modified in
Table 32: Asynchronous non-multiplexed SRAM/PSRAM/NOR write
timings
In Table 36: Synchronous multiplexed PSRAM write timings and
Table 38: Synchronous non-multiplexed PSRAM write timings:
–tv(Data-CLK) renamed as td(CLKL-Data)
–td(CLKL-Data) min value removed and max value added
–th(CLKL-DV) / th(CLKL-ADV) removed
Figure 28: Synchronous multiplexed NOR/PSRAM read timings,
Figure 29: Synchronous multiplexed PSRAM write timings and
Figure 31: Synchronous non-multiplexed PSRAM write timings
modified.
Figure 48: I2S slave timing diagram (Philips protocol)(1) and Figure 49:
I2S master timing diagram (Philips protocol)(1) modified.
WLCSP64 package added (see Figure 8: STM32F103xC and
STM32F103xE performance line WLCSP64 ballout, ball side, Table 5:
High-density STM32F103xx pin definitions, Figure 61: WLCSP, 64-ball
4.466 × 4.395 mm, 0.500 mm pitch, wafer-level chip-scale package
outline and Table 66: WLCSP, 64-ball 4.466 × 4.395 mm, 0.500 mm
pitch, wafer-level chip-scale package mechanical data).
Small text changes.
Table 72.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com