Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSB5SL5111P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB5SL5111P
Description  Deluxe Power 5mm Round Super Blue LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB5SL5111P Datasheet(HTML) 1 Page - OptoSupply International

  OSB5SL5111P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
Deluxe Power 5mm Round Super Blue
LED
OSB5SL5111P
■Features
■Outline Dimension
●
High Luminous LEDs
●
5mm Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■Applications
●
Automotive Dashboard Lighting
●
Back Lighting
●
Consumer Products
●
Other Lighting
5.0
2:Cathode
1:Anode
5.
8
2.54
0.5+0.1
26
.0
M
IN
1.36
4.
58
Unit:mm
Tolerance:+0.3mm
1
2
1.
0
1.
5M
IN
8.
7
■Absolute Maximum Rating
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃
℃
℃))))
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
35
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
133
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
60°
30°
90°
0.5
0
60°
90°
0.5
30°
1
1
■Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃
℃
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=30mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λ
D
IF=30mA
465
470
475
nm
Luminous Intensity*
Iv
IF=30mA
-
18000
-
mcd
50% Power Angle
2θ1/2
IF=30mA
-
15
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSB5SL5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SL3111P OPTOSUPPLY-OSB5SL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Super Blue LED
OSB5SLS3C1A OPTOSUPPLY-OSB5SLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Super Blue SMD LED
OSB5SLZ2C1P OPTOSUPPLY-OSB5SLZ2C1P Datasheet
100Kb / 1P
Super Flux Super Blue LED
More results

Similar Description - OSB5SL5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SL3111P OPTOSUPPLY-OSB5SL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Super Blue LED
OSO5GA5111P OPTOSUPPLY-OSO5GA5111P Datasheet
88Kb / 1P
Deluxe Power 5mm Round Giga Power LED
OSB56L5111P OPTOSUPPLY-OSB56L5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Blue LED
OSK57L5111P OPTOSUPPLY-OSK57L5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Pink LED
OS5RAA5111P OPTOSUPPLY-OS5RAA5111P_11 Datasheet
156Kb / 1P
Deluxe Power 5mm Round Super Red LED
OS5YAA5111P OPTOSUPPLY-OS5YAA5111P_11 Datasheet
180Kb / 1P
Deluxe Power 5mm Round Super Yellow LED
OSB5SA5111A OPTOSUPPLY-OSB5SA5111A_09 Datasheet
105Kb / 1P
5mm Round Super Blue LED
OSB56L5111P OPTOSUPPLY-OSB56L5111P_11 Datasheet
176Kb / 1P
Deluxe Power 5mm Round Blue LED
OS6OGA5111P OPTOSUPPLY-OS6OGA5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Super Salmon Pink LED
OSB5SA5111A-1MA OPTOSUPPLY-OSB5SA5111A-1MA Datasheet
109Kb / 1P
5mm Round Super Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com