Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK5XLS3C1H Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK5XLS3C1H
Description  3.5x2.8x1.9mm Pink Power Top H SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK5XLS3C1H Datasheet(HTML) 1 Page - OptoSupply International

  OSK5XLS3C1H Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3.5x2.8x1.9mm Pink Power Top H SMD
LED
OSK5XLS3C1H
■
Features
■
Outline Dimension
●
Highest Luminous P
PL
LC
CC
C44 P
Poow
weerr T
Toopp S
SM
MD
D LEDs
●
Super energy efficiency
●
Very long operating life (up to 100,000hours)
●
Superior ESD protection
●
No UV
■
Applications
●
Read lights (car, bus, aircraft)
●
Portable (flashlight, bicycle)
●
Bollards / Security / Garden
●
Traffic signaling / Beacons
●
In door / Out door Commercial lights
●
Automotive Ext
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
120
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
480
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
I
v
IF=70mA
-
1400
-
mcd
x
IF=70mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=70mA
-
0.17
-
50% Power Angle
2θ1/2
IF=70mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSK5XLS3C1H

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5XL5141R OPTOSUPPLY-OSK5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5XL8A61R OPTOSUPPLY-OSK5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pink LED
OSK5XLA151R OPTOSUPPLY-OSK5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pink LED
OSK5XLZ161G OPTOSUPPLY-OSK5XLZ161G Datasheet
90Kb / 1P
Giiga Power Super Fllux Piink LED
More results

Similar Description - OSK5XLS3C1H

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLS3C1H OPTOSUPPLY-OSB5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Blue Power Top H SMD LED
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Pink SMD LED
OSK5DLS3C1A OPTOSUPPLY-OSK5DLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
OSR5XAS3C1H OPTOSUPPLY-OSR5XAS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Red Power Top H SMD LED
OSY5XAS3C1H OPTOSUPPLY-OSY5XAS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Yellow Power Top H SMD LED
OSK5DTS5C1A OPTOSUPPLY-OSK5DTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pink Top SMD LED
OSK57LS3C1A OPTOSUPPLY-OSK57LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Pink SMD LED
OSK573S3C1A OPTOSUPPLY-OSK573S3C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
OSK54LS3C1A OPTOSUPPLY-OSK54LS3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Power Top Pink SMD LED
OSK543S3C1A OPTOSUPPLY-OSK543S3C1A Datasheet
113Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com