Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP103
Description  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP103 Datasheet(HTML) 2 Page - Cirrus Logic

  MP103 Datasheet HTML 1Page - Cirrus Logic MP103 Datasheet HTML 2Page - Cirrus Logic MP103 Datasheet HTML 3Page - Cirrus Logic MP103 Datasheet HTML 4Page - Cirrus Logic MP103 Datasheet HTML 5Page - Cirrus Logic MP103 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP103
2
MP103U
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to −VS
+V
S to −VS
200
V
SUPPLY VOLTAGE, −V
S
−V
S
-30
V
SUPPLY VOLTAGE, +V
AUX
+V
AUX
30
V
OUTPUT CURRENT, pk, per Channel (Within SOA)
I
O(PK)
15
A
POWER DISSIPATION, internal, Each Channel
P
D
35
W
INPUT VOLTAGE
V
IN
-5
V
AUX
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
T
J
150
°C
TEMPERATURE RANGE, storage
T
S
−40
105
°C
CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Test Conditions
Min
Typ
Max
Units
INPUT (Each Channel)
OFFSET VOLTAGE
-6.7
±2
6.7
mV
OFFSET VOLTAGE vs. temperature
Full temperature range
±2
µV/°C
BIAS CURRENT, initial
(Note 3)
-6.6
±3.3
6.6
µA
INPUT RESISTANCE, DC
300
KΩ
INPUT CAPACITANCE
1.5
pF
INPUT VOLTAGE RANGE
-3.4
+V
AUX - 2
V
NOISE
f = 10KHz
600
nV/√Hz
GAIN (Each Channel)
FIXED GAIN
Feedback connected to V
OUT
63.5
65
66.5
V/V
GAIN BANDWIDTH, -3db
C
L = 47nF
230
KHz
POWER BANDWIDTH, 130V
P-P
+V
S = 145V, -VS = -15V
230
KHz
OUTPUT (Each Channel)
VOLTAGE SWING
I
O = 10A
+V
S - 15
+V
S - 9
V
VOLTAGE SWING
I
O = -5A
-V
S + 15
-V
S + 14
V
CURRENT, Peak, Source
12
A
SLEW RATE
R
S=1.0Ω, CL=47nF, VIN ≥ 8VP-P
167
V/µS
POWER SUPPLY
(Note 4)
VOLTAGE, -V
S
-7
-15
-20
V
VOLTAGE, +V
AUX
24
25
V
VOLTAGE, +V
S
-V
S + 20
145
-V
S + 200
V
CURRENT, quiescent, -V
S
19
26
mA
CURRENT, quiescent, +V
AUX
13.5
15
mA
CURRENT, quiescent, +V
S
1
5
mA
SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com