Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 4 Page - Cirrus Logic

Part # MP103
Description  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP103 Datasheet(HTML) 4 Page - Cirrus Logic

  MP103 Datasheet HTML 1Page - Cirrus Logic MP103 Datasheet HTML 2Page - Cirrus Logic MP103 Datasheet HTML 3Page - Cirrus Logic MP103 Datasheet HTML 4Page - Cirrus Logic MP103 Datasheet HTML 5Page - Cirrus Logic MP103 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP103
4
MP103U
TOTAL SUPPLY VOLTAGE, V
AUX (V)
INPUT BIAS CURRENT vs. V
AUX SUPPLY
5
25
20
15
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TOTAL SUPPLY VOLTAGE, V
AUX (V)
OFFSET VOLTAGE vs. V
AUX SUPPLY
5
25
20
15
10
0
1.2
1.0
0.8
0.6
0.4
0.2
TOTAL SUPPLY VOLTAGE, V
SS (V)
OFFSET VOLTAGE vs. V
S SUPPLY
5
205
180
155
130
105
80
55
30
0.995
1.035
1.030
1.025
1.020
1.015
1.010
1.005
1.000
CASE TEMPERATURE, T
C (°C)
INPUT BIAS CURRENT vs. TEMPERATURE
0
20
40
60
80
-20
-40
0.7
1.2
1.1
1.0
0.9
0.8
0.6
1.6
1.5
1.4
1.3
MAX. OUTPUT PULSE DUTY CYCLE
10
100
OUTPUT VOLTAGE, V
O (V)
T
C = 25°C
T
C = 70°C
100
180
160
140
120
MAX. DC OUTPUT VOLTAGE
100
110
120
130
140
150
CASE TEMPERATURE, T
C (°C)
0
75
50
25
CASE TEMPERATURE, T
C (°C)
OFFSET VOLTAGE vs. TEMPERATURE
0
20
40
60
80
-20
-40
0.7
1.2
1.1
1.0
0.9
0.8
0.6
QUIESCENT CURRENT
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
CASE TEMPERATURE, T
C (°C)
+V
S
V
AUX
-V
S
0
75
50
25
-25
FREQUENCY RESPONSE
-20
-10
0
10
20
30
40
50
1K
10K
1M
FREQUENCY, F (Hz)
-180
-150
-120
-90
-60
-30
0
30
100K
C
LOAD = 50nF
LEFT SCALE
RIGHT SCALE
OUTPUT VOLTAGE SWING
0
2
4
6
8
10
12
14
16
OUTPUT CURRENT, I
O (A)
SOURCE
SINK
0
10
7.5
5
2.5
SOA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S - VO (V)
10
100
1
1
10
1mS
10mS
SINK DC
SOURCE
DC
POWER DERATING
CASE TEMPERATURE, T
C (°C)
EACH CHANNEL
0
100
75
50
25
0
40
35
30
25
20
15
10
5
EXTERNAL CONNECTIONS
42-Pin DIP
Package Style FC
40
80
60
450
-SLR
+SLR
CASE TEMPERATURE, TC (°C)
SLEW RATE vs. TEMPERATURE
-20
20
0
-40
150
400
350
300
250
200
EXTERNAL FEEDBACK RESISTOR, R
FDBK (Ω)
AMPLIFIER GAIN vs. R
FDBK
500
1500
1000
0
65
105
100
95
90
85
80
75
70
TOTAL SUPPLY VOLTAGE, V
SS (V)
INPUT BIAS CURRENT vs. V
SS SUPPLY
5
205
155
105
55
0
0.2
0.4
0.6
0.8
1.0
1.2
180
130
80
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com