Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA240 Datasheet(PDF) 3 Page - Cirrus Logic

Part # MSA240
Description  Pulse Width Modulation Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MSA240 Datasheet(HTML) 3 Page - Cirrus Logic

  MSA240 Datasheet HTML 1Page - Cirrus Logic MSA240 Datasheet HTML 2Page - Cirrus Logic MSA240 Datasheet HTML 3Page - Cirrus Logic MSA240 Datasheet HTML 4Page - Cirrus Logic MSA240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MSA240
MSA240U
3
0
20
40
60
80
100
0
25
50
75
100
125
POWER DERATING
CASE TEMPERATURE, (C)
97
98
99
100
FREQUENCY = 44KHz
10K
100K
1M
CLOCK LOAD RESISTANCE, ()
CLOCK LOADING
-40 -20
0
20 40 60 80 100
99.2
99.4
99.6
99.8
100.0
100.2
CASE TEMPERATURE, (C)
CLOCK FREQUENCY OVER TEMP.
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
20
SOURCE TO DRAIN DIODE VOLTAGE
REVERSE DIODE
0
4
8
12
16
20
0
1
2
3
4
5
OUTPUT CURRENT, (A)
TOTAL VOLTAGE DROP
T C
=
85C
T C
= 25C
0
25
50
75
100
0
5
10
15
20
25
CONTINUOUS OUTPUT
CASE TEMPERATURE, (C)
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
DUTY CYCLE VS. ANALOG INPUT
ANALOG INPUT, (V)
A OUT
B OUT
0
10
20
30
40
50
4
8
12
16
20
24
VCC QUIESCENT CURRENT
SWITCHING FREQUENCY, F (kHz)
50% DUTY CYCLE
-40 -20
0
20 40 60 80 100
97
98
99
100
101
102
VCC QUIESCENT CURRENT
CASE TEMPERATURE, (C)
NORMAL or SHUTDOWN
OPERATION
0
20
40
60
80
100
1
2
3
4
5
VS QUIESCENT CURRENT
VS, (V)
F = 22kHz,
50% DUTY CYCLE
0
10
20
30
40
50
0
2
4
6
8
VS QUIESCENT CURRENT vs. FREQUENCY
SWITCHING FREQUENCY, F (kHz)
VS = 60V,
50% DUTY CYCLE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com