Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA240 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MSA240
Description  Pulse Width Modulation Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MSA240 Datasheet(HTML) 1 Page - Cirrus Logic

  MSA240 Datasheet HTML 1Page - Cirrus Logic MSA240 Datasheet HTML 2Page - Cirrus Logic MSA240 Datasheet HTML 3Page - Cirrus Logic MSA240 Datasheet HTML 4Page - Cirrus Logic MSA240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MSA240
MSA240U
1
MSA240
Pulse Width Modulation Amplifiers
MSA240
P r o d u c t I n n o v a t i o n F r o m
FEATURES
• LOW COST
• HIGH VOLTAGE - 100 VOLTS
• HIGH OUTPUT CURRENT - 20 AMPS
• 2kW OUTPUT CAPABILITY
• VARIABLE SWITCHING FREQUENCY
APPLICATIONS
• BRUSH MOTOR CONTROL
• MRI
• MAGNETIC BEARINGS
• CLASS D SWITCHMODE AMPLIFIER
DESCRIPTION
The MSA240 is a surface mount constructed PWM amplifier
that provides a cost effective solution in many industrial applica-
tions. The MSA240 offers outstanding performance that rivals
many much more expensive hybrid components. The MSA240
is a complete PWM amplifier including an oscillator, comparator,
error amplifier, current limit comparators, 5V reference, a smart
controller and a full bridge output circuit.The switching frequency
is user programmable up to 50 kHz. The MSA240 is built on a
thermally conductive but electrically insulating substrate that
can be mounted to a heatsink.
EQUIVALENT CIRCUIT DIAGRAM
58-PIN DIP
PACKAGE STYLE KC
TYPICAL APPLICATION
TORQUE MOTOR CONTROL
With the addition of a few external components the MSA240
becomes a motor torque controller. In the MSA240 the source
terminal of each low side MOSFET driver is brought out for
current sensing via RSA and RSB. A1 is a differential amplifier
that amplifies the difference in currents of the two half bridges.
This signal is fed into the internal error amplifier that mixes the
current signal and the control signal. The result is an input
signal to the MSA240 that controls the torque on the motor.
EXTERNAL CONNECTIONS
49-53
A OUT
35-39
B OUT
Is B
Is A
Rs B
Rs A
40-43
54-57
CONTROL
SIGNAL
15
2,18,26
DIG
RET
PWR
GND
58
ROSC
A1
PWM AMPLIFIER
+5V REF OUT
CLK OUT
17
22
24
20
1
RRAMP IN
CLK/2 OUT
ROSC
RRAMP
E/A OUT
16
2.5V
E/A -IN
E/A +IN
19
SINGLE POINT GND @ 26
+IN
13
2.5V
SIG
GND
AC
BACK
PLATE
28
23
C2 IS ELECTROLYTIC ≥10UF PER AMP OUTPUT CURRENT
C1,3 HIGH QUALITY CERAMIC ≥1.0UF
ALL +Vs MUST BE TIED TOGETHER
ALL SIG GND PINS MUST BE TIED TOGETHER
SINGLE POINT GROUND @ PIN 26
VIEW FROM
COMPONENT SIDE
ROSC
RRAMP
+
SINGLE
POINT
GND
C3
C1
C2
NOTES:
54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34
5
10
9
8
7
6
15
14
13
12
11
20
19
18
17
16
25
24
23
22
21
26 27 28
2
1
VCC
4
3
+Vs
A OUT
ISENSE A
+Vs
B OUT
ISENSE B
PWR
GND
33 32
30 29
31
55
56
58 57
GND
+IN
A OUT
I SENSE B
+Vs
I SENSE A
35-39
54-57
40-43
58
1
13
5V
SIGNAL
R3
R2
29
VCC
PWR
+Vs
44-48
49-53
B OUT
SMART
CONTROLLER
GND
-
+
-
+
-
+
200mV
REF
5V REF 19
OUT
RRAMP IN
20
CLK/2 OUT
21
CLK IN
OSC
CLK OUT
24
ROSC
22
7
ILIM B
10
ILIM A/SHDN
CLK/2
-
+
17
16
15
E/A OUT
E/A -IN
E/A +IN
30-34
SIGNAL
GND
26
SIGNAL
GND
18
2
27
APEX TP
DIGITAL
RETURN
23
2200pF
2200pF
1K
1K
.01F
.01F
2.68K
28
AC BACK
PLATE
1F
BACK PLATE
Q1
D2
D1
Q4
Q3
Q2
5.36K
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − MSA240UREVD


Similar Part No. - MSA240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
logo
MORNSUN Science& Techno...
MSA2405(M)D-3W MORNSUN-MSA2405(M)D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSA2405MD-3W MORNSUN-MSA2405MD-3W Datasheet
101Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSA2409(M)D-3W MORNSUN-MSA2409(M)D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSA240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com