Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA07 Datasheet (PDF) - Cirrus Logic

SA07 Datasheet PDF - Cirrus Logic
Part # SA07
Download  SA07 Download
File Size   276.67 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description PULSE WIDTH MODULATION AMPLIFIERS

SA07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA07 Datasheet PDF - Cirrus Logic

Part # SA07
Download  SA07 Click to download

File Size   276.67 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description PULSE WIDTH MODULATION AMPLIFIERS

SA07 Datasheet (HTML) - Cirrus Logic


SA07 Product details

DESCRIPTION
The SA07 amplifier is a 40 volt, 500kHz PWM amplifier. The full bridge output circuit provides 5 amps of continuous drive current for applications as diverse as high fidelity audio and brush type motors. Clock output and input pins can be used for synchronization with other amplifiers or an externally generated clock. An integrator amplifier is provided. Direct access to the pwm input is provided for connection to digital motion control circuits. Protection circuits guard against thermal overloads as well as shorts to supply or ground.

FEATURES
• 500kHz SWITCHING
• FULL BRIDGE OUTPUT 5-40V (80V P-P)
• 5A OUTPUT
• 1 IN2 FOOTPRINT
• FAULT PROTECTION
• SHUTDOWN CONTROL
• SYNCHRONIZABLE CLOCK
• HERMETIC PACKAGE

APPLICATIONS
• HIGH FIDELITY AUDIO AMPLIFIER
• BRUSH TYPE MOTOR CONTROL
• VIBRATION CANCELLING AMPLIFIER




Similar Part No. - SA07

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
logo
Bothhand USA, LP.
SA0705 BOTHHAND-SA0705 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0706 BOTHHAND-SA0706 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0707 BOTHHAND-SA0707 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
More results


Similar Description - SA07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com