Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA07 Datasheet(PDF) 5 Page - Cirrus Logic

Part # SA07
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA07 Datasheet(HTML) 5 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
5
Switching noise spikes will invariably be found at the I
SENSE pins. The noise spikes could trip the current limit
threshold which is only 100 mV. R
FILTER and CFILTER should be
adjusted so as to reduce the switching noise well below 100
mV to prevent false current limiting. The sum of the DC level
plus the noise peak will determine the current limiting value.
As in most switching circuits it may be difficult to determine
the true noise amplitude without careful attention to grounding
of the oscilloscope probe. Use the shortest possible ground
lead for the probe and connect exactly at the GND terminal of
the amplifier. Suggested starting values are C
FILTER = .001uF,
R
FILTER = 5k .
The required value of R
LIMIT in voltage mode may be cal-
culated by:
R
LIMIT = .1 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the
maximum desired current. In current mode the required value
of each R
LIMIT is 2 times this value since the sense voltage is
divided down by 2 (see Figure B). If R
SHDN is used it will further
divide down the sense voltage. The shutdown divider network
will also have an effect on the filtering circuit.
���������
���������
������������ �
�������
��������
�������
������
��������
������
��
����������������������������
����������������������
���������
���������
������������ �
�������
��������
������
��������
������
��
��
����������������������������
����������������������
�������
�������
SHUTDOWN
The shutdown circuitry makes use of the internal current
limiting circuitry. The two functions may be externally combined
in voltage and current modes as shown below in Figures A
and B. The R
LIMIT resistors will normally be very low values and
can be considered zero for this application. In Figure A, R
SHDN
and 1K form a voltage divider for the shutdown signal. After a
suitable noise filter is designed for the current limit, adjust the
value of R
SHDN to give a minimum 110 mV of shutdown signal
at the I LIMIT/SHDN pin when the shutdown signal is high.
Note that C
FILTER will filter both the current limit noise spikes
and the shutdown signal. Shutdown and current limit operate
on each cycle of the internal switching rate. As long as the
shutdown signal is high the output will be disabled.
PROTECTION CIRCUITS
Circuits monitor the temperature and load on each of the
bridge output transistors. On each cycle should any fault condi-
tion be detected all output transistors in the bridge are shut off.
Faults protected against are: shorts across the outputs, shorts
to ground, and over temperature conditions. Should any of
these faults be detected, the output transistors will be latched
off.* In addition there is a built in dead time during which all the
output transistors are off. The dead time removes the possibility
of a momentary conduction path through the upper and lower
transistors of each half bridge during the switching interval.
Noise or flyback may be observed at the outputs during this
time due to the high impedance of the outputs in the off state.
This will vary with the nature of the load.
* To restart the SA07 remove the fault and recycle VCC or,
alternatively, toggle the I
LIMIT/SHDN (PIN16) with a shut
down pulse.
OPERATING
CONSIDERATIONS
SA07
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA07U REV. B DECEMBER 1998 © 1998 Apex Microtechnology Corp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com