Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA07 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA07
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA07 Datasheet(HTML) 2 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to GND, 10mS surge
60V
SUPPLY VOLTAGE, V
CC to GND
16V
OUTPUT CURRENT, peak
7.5A
POWER DISSIPATION, internal
80W1
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
INPUTS
–.4/+5.4V
SA07
The SA07 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1. 40W in each of the two active output transistors on at any one time.
2. Unless otherwise noted: T
C = 25°C.
3. Min max values guaranteed but not tested.
4. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. For guidance, refer to the heatsink data sheet.
SPECIFICATIONS
PARAMETER
TEST CONDITIONS2
MIN
TYP
MAX
UNITS
ERROR AMP, CLOCK REF3
OFFSET VOLTAGE
10
mV
BIAS CURRENT
50
pA
OFFSET CURRENT
30
pA
COMMON MODE VOLTAGE RANGE
0
3
V
COMMON MODE REJECTION, DC
70
dB
SLEW RATE
12
V/µS
OPEN LOOP GAIN
100
dB
GAIN BANDWIDTH PRODUCT
10
MHz
CLOCK OUT
.98
1
1.02
MHz
CLOCK OUT, high level
4.7
5.3
V
CLOCK OUT, low level
0
.2
V
5V OUT
LOAD ≤ 5mA
4.988
5
5.012
V
OUTPUT
EFFICIENCY, 5A output
V
S = 40V
94
%
SWITCHING FREQUENCY
500
kHz
CURRENT, continuous
5
A
CURRENT, peak3
100 ms, 10% duty cycle
7
A
R
DS(ON)
3
55
Ω
POWER SUPPLY
VOLTAGE, V
CC
Full temperature range
10
12
16
V
VOLTAGE, V
S
Full temperature range
5
40
V
CURRENT, V
CC
Switching
50
mA
CURRENT, V
S
Switching, No Load
90
mA
INPUTS3
I
LIM/SHDN, trip point
90
110
mV
–PWM, +PWM, low level
0
.8
V
–PWM, +PWM, high level
2.7
Vcc
V
CLOCK IN, low level
0
.3
V
CLOCK IN, high level
3
5.6
V
THERMAL4
RESISTANCE, junction to case
Full temperature range
3.5
°C/W
RESISTANCE, junction to air
Full temperature range
15
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com