Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA07 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA07
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA07 Datasheet(HTML) 1 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• 500kHz SWITCHING
• FULL BRIDGE OUTPUT 5-40V (80V P-P)
• 5A OUTPUT
• 1 IN2 FOOTPRINT
• FAULT PROTECTION
• SHUTDOWN CONTROL
• SYNCHRONIZABLE CLOCK
• HERMETIC PACKAGE
APPLICATIONS
• HIGH FIDELITY AUDIO AMPLIFIER
• BRUSH TYPE MOTOR CONTROL
• VIBRATION CANCELLING AMPLIFIER
DESCRIPTION
The SA07 amplifier is a 40 volt, 500kHz PWM amplifier. The
full bridge output circuit provides 5 amps of continuous drive
current for applications as diverse as high fidelity audio and
brush type motors. Clock output and input pins can be used for
synchronization with other amplifiers or an externally generated
clock. An integrator amplifier is provided. Direct access to the
pwm input is provided for connection to digital motion control
circuits. Protection circuits guard against thermal overloads
as well as shorts to supply or ground. The current limit is pro-
grammable with one or two external resistors depending on
the application. A shutdown input disables all output bridge
drivers. The 18 pin steel package is hermetically sealed.
BLOCK DIAGRAM AND
TYPICAL APPLICATION
CONNECTIONS
HIGH FIDELITY
AUDIO
EXTERNAL CONNECTIONS
�����������
������
����
����
��������
����
���������
���
��
��
��������
������
�
��������
�
�������
�
������
�����
��
�
�����
�
�������
�
��
�
�
������
�
�
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
��
��
�
�
�
�
�
�
�
�
�
�
�
�
��������
�����
�������
��������
����
��
���
�����
������
�����
���������
���������
���������
����
���������
�������
���
�����
������
�������
�����
���
�����
��������
��������
������
��
��������
������
���
��
����
����
�����
���
��
��
��
��
��
��
��
�
�
�
��
��
�
�
�
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
���������������������������������
����
18-PIN DIP
PACKAGE STYLE EL
Case tied to Pin 7. Allow no current in case. Bypassing of sup-
plies is required. If +PWM > RAMP then A OUT > B OUT.


Similar Part No. - SA07

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
logo
Bothhand USA, LP.
SA0705 BOTHHAND-SA0705 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0706 BOTHHAND-SA0706 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0707 BOTHHAND-SA0707 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
More results

Similar Description - SA07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com