Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA84M/883 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA84M/883
Description  Table 4 Group A Inspection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA84M/883 Datasheet(HTML) 1 Page - Cirrus Logic

  PA84M/883 Datasheet HTML 1Page - Cirrus Logic PA84M/883 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA84M/883
PA84MU
1
PA84M/883
SG
PARAMETER
SYMBOL TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent Current
I
Q
25°C
±150V
V
IN = 0, AV = 100
7.5
mA
1
Input Offset Voltage
V
OS
25°C
±150V
V
IN = 0, AV = 100
3
mV
1
Input Offset Voltage
V
OS
25°C
±15V
V
IN = 0, AV = 100
5.7
mV
1
Input Bias Current, +IN
+I
B
25°C
±150V
V
IN = 0
50
pA
1
Input Bias Current, –IN
–I
B
25°C
±150V
V
IN = 0
50
pA
1
Input Offset Current
I
OS
25°C
±150V
V
IN = 0
50
pA
3
Quiescent Current
I
Q
–55°C
±150V
V
IN = 0, AV = 100
9.5
mA
3
Input Offset Voltage
V
OS
–55°C
±150V
V
IN = 0, AV = 100
5
mV
3
Input Offset Voltage
V
OS
–55°C
±15V
V
IN = 0, AV = 100
7.7
mV
3
Input Bias Current, +IN
+I
B
–55°C
±150V
V
IN = 0
50
pA
3
Input BiasCurrent, –IN
–I
B
–55°C
±150V
V
IN = 0
50
pA
3
Input Offset Current
I
OS
–55°C
±150V
V
IN = 0
50
pA
2
Quiescent Current
I
Q
125°C
±150V
V
IN = 0, AV = 100
9.5
mA
2
Input Offset Voltage
V
OS
125°C
±150V
V
IN = 0, AV = 100
5.5
mV
2
Input Offset Voltage
V
OS
125°C
±15V
V
IN = 0, AV = 100
8.2
mV
2
Input Bias Current, +IN
+I
B
125°C
±150V
V
IN = 0
10
nA
2
Input Bias Current, –IN
–I
B
125°C
±150V
V
IN = 0
10
nA
2
Input Offset Current
I
OS
125°C
±150V
V
IN = 0
10
nA
4
Output Voltage, I
O = 40mA
V
O
25°C
±47V
R
L = 1K
40
V
4
Output Voltage, I
O = 28.6mA
V
O
25°C
±150V
R
L = 5K
143
V
4
Output Voltage, I
O = 15mA
V
O
25°C
± 80V
R
L = 5K
75
V
4
Current Limits
I
CL
25°C
± 20V
R
L = 100Ω
36
70
mA
4
Stability/Noise
E
N
25°C
±150V
R
L = 5K, AV = 1, CL = 10nF
1
mV
4
Slew Rate
SR
25°C
±150V
R
L = 5K, CC = 50pF
100
600
V/µs
4
Open Loop Gain
A
OL
25°C
±150V
R
L = 5k, F = 10Hz
100
dB
4
Common Mode Rejection
CMR
25°C
±32.5V
R
L = 5k, F = DC, VCM = ±22.5V
90
dB
6
Output Voltage, I
O = 40mA
V
O
–55°C
±47V
R
L = 1K
40
V
6
Output Voltage, I
O = 28.6mA
V
O
–55°C
±150V
R
L = 5K
143
V
6
Output Voltage, I
O = 15mA
V
O
–55°C
±80V
R
L = 5K
75
V
6
Stability/Noise
E
N
–55°C
±150V
R
L = 5K, AV = 1, CL = 10nF
1
mV
6
Slew Rate
SR
–55°C
±150V
R
L = 5K, CC = 50pF
100
600
V/µs
6
Open Loop Gain
A
OL
–55°C
±150V
R
L = 5K, F = 10Hz
100
dB
6
Common Mode Rejection
CMR
-55°C
±32.5V
R
L = 5k, F = DC, VCM = ±22.5V
90
dB
5
Output Voltage, I
O = 30mA
V
O
125°C
±37V
R
L = 1K
30
V
5
Output Voltage, I
O = 28.6mA
V
O
125°C
±150V
R
L = 5K
143
V
5
Output Voltage, I
O = 15mA
V
O
125°C
±80V
R
L = 5K
75
V
5
Stability/Noise
E
N
125°C
±150V
R
L = 5î, AV = 1, CL = 10nF
1
mV
5
Slew Rate
SR
125°C
±150V
R
L = 5K, CC = 50pF
100
600
V/µs
5
Open Loop Gain
A
OL
125°C
±150V
R
L = 5K, F = 10Hz
100
dB
5
Common Mode Rejection
CMR
125°C
±32.5V
R
L = 5k, F = DC, VCM = ±22.5V
90
dB
BURN IN CIRCUIT
100KΩ
100KΩ
+50V
–50V
5
6
2
1
7
60Ω
**
*
U.U.T
*
*
These components are used to stabilize device due
to poor high frequency characteristics of burn in
board.
** Input signals are calculated to result in internal power
dissipation of approximately 2.1W at case temperature
= 125°C.
Table 4 Group A Inspection
PA84M/883
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
SEP 2009
APEX − PA84MUREVH


Similar Part No. - PA84M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA84 APEX-PA84 Datasheet
77Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
logo
Fuji Electric
PA847C04 FUJI-PA847C04 Datasheet
63Kb / 3P
Schottky barrier diode
logo
Cirrus Logic
PA84A APEX-PA84A Datasheet
77Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84A CIRRUS-PA84A Datasheet
210Kb / 5P
Power Operational Amplifiers
More results

Similar Description - PA84M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com