Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABA-007159-000000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007159-000000
Description  RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007159-000000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-007159-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007159-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
E-Series RF 1:1 Transmission Line Transformer
4.5 - 3000 MHz
Rev. V4
MABA-007159-000000
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Units
Min
Typ
Max
RF Frequency
4.5 - 3000
MHz
-
-
-
Insertion Loss
4.5 - 1000
1000 - 2000
2000 - 3000
dB
dB
dB
-
-
-
0.32
-
-
1.0
2.0
3.5
Amplitude Unbalance
4.5 - 1000
dB
-
-
1.0
Phase Unbalance
4.5 - 1000
Degrees
-
-
20
Test Conditions
-
-
-
-
Input Impedance
Phase Unbalance
Amplitude Unbalance
Insertion Loss
Typical Performance Curves



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com