Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABA-007159-000000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007159-000000
Description  RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007159-000000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-007159-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007159-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E-Series RF 1:1 Transmission Line Transformer
4.5 - 3000 MHz
Rev. V4
MABA-007159-000000
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Component Dimension
12 3
5
4
Features
•
Surface mount
•
Wide frequency range
•
1:1 impedance
•
Lead Free
•
RoHS* Compliant
•
260
0C reflow compatible
•
Available on Tape and Reel
Description
M/A-COM
Technology
Solutions
MABA-007159-
000000 is a RoHS compliant 1:1 RF transmission
line transformer in a low cost, surface mount pack-
age. The windings of the MABA-007159-000000 are
welded to the package substrate for improved reli-
ability and to eliminate lead content. Ideally suited
for high volume cellular and wireless application.
Parts are packaged in tape & reel.
Pin No.
Function
1
Secondary Dot
2
Not Connected
3
Secondary
4
Primary
5
Primary Dot
∗ Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Schematic
Recommended Maximum Ratings
1,2
Parameter
Absolute Maximum
DC Power
250 mW
DC Current
30 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend sus-
tained operation near these survivability limits.
[2.60]


Similar Part No. - MABA-007159-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
164Kb / 3P
E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
164Kb / 3P
E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000 MA-COM-MABA-007159-000000_15 Datasheet
164Kb / 3P
E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000_V4 MA-COM-MABA-007159-000000_V4 Datasheet
164Kb / 3P
E-Series RF 1:1 Transmission Line Transformer
More results

Similar Description - MABA-007159-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1-13 MACOM-ETC1-1-13 Datasheet
264Kb / 2P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
138Kb / 3P
E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com