Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-9-75 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ESSM-2-9-75
Description  E-Series 2-Way 0쨘 Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ESSM-2-9-75 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ESSM-2-9-75 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ESSM-2-9-75 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series 2 Way 0
o Power Divider — 5 - 120 MHz
ESSM-2-9-75
V3.00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2 Way
• 0 Degree
• Surface Mount
Description
M/A-COM’s ESSM-2-9-75 is a 2 Way 0
o Power Divider in a low
cost, surface mount package. Ideally suited for high volume
cellular, wireless and CATV applications. No external resistor is
required with this part.
E-Series 2-Way 0
o Power Divider
50 - 120MHz
ESSM-2-9-75
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
50- 120
MHz
—
—
—
Insertion Loss
5 - 120 MHz
dB
00.3
—
00.6
.0
Isolation
5 - 50MHz
50 - 60MHz
60 - 120MHz
dB
dB
dB
—
—
—
23
22
21
—
—
—
Amplitude Unbalance
5 - 120MHz
dB
—
—
00.5
Phase Unbalance
5 - 120 MHz
o
—
—
2.0
o
Electrical Specifications @25°C
Please Note that the photograph above indicates package shape only, unit may be wired differently.
SM-114 Package


Similar Part No. - ESSM-2-9-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-9-75 MACOM-ESSM-2-9-75 Datasheet
312Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 120 MHz
More results

Similar Description - ESSM-2-9-75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESSM-2-16 MA-COM-ESSM-2-16 Datasheet
181Kb / 2P
E-Series 2-Way 0쨘 Power Divider
MAPDCT0026 MA-COM-MAPDCT0026 Datasheet
106Kb / 3P
2 Way 0쨘 Power Divider
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
2 Way 0쨘 Power Divider
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
2 Way 0쨘 Power Divider
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M Datasheet
161Kb / 4P
2 Way 0쨘 Power Divider
MACPES0045 MA-COM-MACPES0045 Datasheet
96Kb / 4P
2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
2 Way 0쨘 Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com