Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA119CE Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA119CE
Description  Video Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA119CE Datasheet(HTML) 3 Page - Cirrus Logic

  PA119CE Datasheet HTML 1Page - Cirrus Logic PA119CE Datasheet HTML 2Page - Cirrus Logic PA119CE Datasheet HTML 3Page - Cirrus Logic PA119CE Datasheet HTML 4Page - Cirrus Logic PA119CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA119CE • PA119CEA
PA119U
3
–50
100
1.0
3.0
3.5
CURRENT LIMIT
2.0
.5
–25
25
50 75
2.5
1.5
CASE TEMPERATURE, TC (C)
0
0
125
R
CL
= 0.27
W
W
R
CL =
1.2
RCL =
∞
10
COMMON MODE VOLTAGE
45
100
1K
10K 100K 1M
50
55
60
65
70
40
10M
FREQUENCY, F (Hz)
FREQUENCY, F (Hz)
POWER RESPONSE
21
30
41
58
15
1M
20M
100K 200K
2M 4M 8M
600K
80
11
8
| +VS | + | –VS | = 80V
RL = 15W
0
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, IO (A)
1
2
3
4
5
+V
–V
100
100M
FREQUENCY, F (Hz)
–20
0
60
SMALL SIGNAL RESPONSE
20
40
80
100
1K
100K
10K
1M 10M
2.2pF
22pF
330pF
COMPENSATION CAPACITOR, CC (pF)
SLEW RATE VS. COMP.
10
100
400
2
4
20 40
200
40
100
200
600
400
1000
800
6
60
80
RL = 15W
200
TIME, t (ns)
–30
–20
30
PULSE RESPONSE
–10
20
–50 0
50 100 150
10
0
250 300
RL = 15W
VIN = 2V
AV = 10
tr = 10ns
30
60
80
TOTAL SUPPLY VOLTAGE, VS (V)
1.4
QUIESCENT CURRENT
1.2
40
50
70
.6
.8
1.0
1.6
1K
10M
FREQUENCY, F (Hz)
COMMON MODE REJECTION
40
80
120
10K
100K
1M
20
60
100
100M
1K
FREQUENCY, F (Hz)
POWER SUPPLY REJECTION
10K
100K
1M
100M
0
20
40
60
80
100
10M
10
100
10K
1M
FREQUENCY, F (Hz)
INPUT NOISE
1K
10
15
20
30
7
5
3
100K
0
25
50
75
100 125
CASE TEMPERATURE, TC (C)
10
40
60
80
POWER DERATING
50
150
70
30
20
0
1.5
1.0
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com