Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA119CE Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA119CE
Description  Video Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA119CE Datasheet(HTML) 1 Page - Cirrus Logic

  PA119CE Datasheet HTML 1Page - Cirrus Logic PA119CE Datasheet HTML 2Page - Cirrus Logic PA119CE Datasheet HTML 3Page - Cirrus Logic PA119CE Datasheet HTML 4Page - Cirrus Logic PA119CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA119CE • PA119CEA
PA119U
1
PA119CE, PA119CEA
FEATURES
• VERY FAST SLEW RATE — 900 V/µs
• POWER MOS TECHNOLOGY — 4A peak rating
• LOW INTERNAL LOSSES — 0.75V at 2A
• PROTECTED OUTPUT STAGE — Thermal Shutoff
• WIDE SUPPLY RANGE — ±15V TO ±40V
APPLICATIONS
• VIDEO DISTRIBUTION AND AMPLIFICATION
• HIGH SPEED DEFLECTION CIRCUITS
• POWER TRANSDUCERS UP TO 5 MHz
• MODULATION OF RF POWER STAGES
• POWER LED OR LASER DIODE EXCITATION
DESCRIPTION
The PA119 is a high voltage, high current operational ampli-
fier optimized to drive a variety of loads from DC through the
video frequency range. Excellent input accuracy is achieved
with a dual monolithic FET input transistor which is cascoded
by two high voltage transistors to provide outstanding common
mode characteristics. All internal current and voltage levels
are referenced to a zener diode biased on by a current source.
As a result, the PA119 exhibits superior DC and AC stability
over a wide supply and temperature range.
High speed and freedom from second breakdown is assured
by a complementary power MOS output stage. For optimum
linearity, especially at low levels, the power MOS transistors
are biased in a class A/B mode. Thermal shutoff provides
full protection against overheating and limits the heatsink
requirements to dissipate the internal power losses under
normal operating conditions. A built-in current limit of 0.5A
can be increased with the addition of two external resistors.
Transient inductive load kickback protection is provided by
two internal clamping diodes. External phase compensation
allows the user maximum flexibility in obtaining the optimum
slew rate and gain bandwidth product at all gain settings. A
heatsink of proper rating is recommended.
This hybrid circuit utilizes thick film (cermet) resistors, ceramic
capacitors, and silicon semiconductor chips to maximize reli-
ability, minimize size, and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections at all
operating temperatures. The 8-pin TO-3 package is hermeti-
cally sealed and electrically isolated. The use of compress-
ible thermal washers and/or improper mounting torque will
void the product warranty. Please see “General Operating
Considerations”.
TOP
VIEW
1
2
3
4
5
6
7
8
–V
+IN
–IN
OUT
CC
RCL–
PHASE COMPENSATION
CC
330pF
22pF
2.2pF
none
GAIN
1
10
100
1000
+V
RCL+
TYPICAL APPLICATION
This fast power driver utilizes the 900V/µs slew rate of the
PA119 and provides a unique interface with a current output
DAC. By using the DAC’s internal 1KΩ feedback resistor,
temperature drift errors are minimized, since the temperature
drift coefficients of the internal current source and the internal
feedback resistor of the DAC are closely matched. Gain of
V
OUT to IIN is –6.5/mA. The DAC’s internal 1K resistor together
with the external 500Ω and 110Ω form a “tee network” in the
feedback path around the PA119. This effective resistance
equals 6.5KΩ . Therefore the entire circuit can be modeled
as 6.5KΩ feedback resistor from output to inverting input and
a 5mA current source into the inverting input of the PA119.
Now we see the familiar current to voltage conversion for a
DAC where V
OUT = –IIN x RFEEDBACK.
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
+40V
–40V
±32.5V
R
CL+
PA119
PA119 AS FAST POWER DRIVER
R
CL–
5.6pF
Up to 4A
110Ω
500Ω
±5mA
1K
DAC
TYPICAL
APPLICATION
8-pin TO-3
PACKAGE STYLE CE
3
6
8
5
4
1
Q3
Q5
Q4
D1
D2
Q16
Q13
Q12
Q1
Q7
Q19
Q17B
Q11
Q10
2
7
Q15
Q20
Q24
Q25
Q21
Q22
Q9
Q8
Q2
Q17A
Q23
Video Power Operational Amplifier
PA119CE • PA119CEA
P r o d u c t
I n n o v a t i o n
F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA119UREVB


Similar Part No. - PA119CE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
654Kb / 5P
Video Power Operational Amplifier
PA119CEA CIRRUS-PA119CEA Datasheet
654Kb / 5P
Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
More results

Similar Description - PA119CE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
50MHz, Video Operational Amplifier
April 1999
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
Video Operational Amplifier
Rev 0; 7/91
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
Video Operational Amplifier
July 1994
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
50MHz, Video Operational Amplifier
July 2004
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com