Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA03 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA03
Description  Pulse Width Modulation Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA03 Datasheet(HTML) 3 Page - Cirrus Logic

  SA03 Datasheet HTML 1Page - Cirrus Logic SA03 Datasheet HTML 2Page - Cirrus Logic SA03 Datasheet HTML 3Page - Cirrus Logic SA03 Datasheet HTML 4Page - Cirrus Logic SA03 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA03
SA03U
3
–50 –25
0
25
50
75 100 125
80
85
90
95
100
105
110
115
Vcc QUIESCENT CURRENT
1M
100K
95
98
99
100
CLOCK LOADING
96
97
10K
CASE TEMPERATURE, (C)
CLOCK LOAD RESISTANCE, (Ω)
0.6
SOURCE TO DRAIN DIODE VOLTAGE
10
REVERSE DIODE
5
6
7
8
3
2
2
3
4
5
6
7
9
1
25
50
75
100
125
150
24
26
28
30
CONTINUOUS OUTPUT
22
0.8
1.0
1.2
1.4
1.6
5
0
20
40
60
80
100
25
10
15
20
CASE TEMPERATURE, (C)
16
18
20
0
75
100
CASE TEMPERATURE, (C)
0
POWER DERATING
150
25
DUTY CYCLE VS ANALOG INPUT
50
125
25
50
75
100
125
0
20
40
60
80
100
ANALOG INPUT, (V)
3
5
4
7
6
SWITCHING FREQUENCY, F (kHz)
Vs, (V)
75
80
85
90
100
95
Vcc QUIESCENT CURRENT
20
40
60
80
100
120
140
160
180
Vs QUIESCENT VS VOLTAGE
5
25
SWITCHING FREQUENCY, F (kHz)
40
50
60
70
80
90
Vs QUIESCENT VS FREQUENCY
100
10
15
20
125C
–55C
A OUT
B OUT
EACH ACTIVE
OUTPUT TRANSISTOR
F NOMINAL = 45kHz
Vcc = 15V
F = 22.5 kHz
NORMAL
OPERATION
SHUTDOWN
OPERATION
Vs = 60V, NO LOAD
0
5
10
15
20
25
30
OUTPUT CURRENT, (A)
0
2
4
6
8
10
TOTAL VOLTAGE DROP
125C
100C
85C
60C
25C
–25C
–55C
CASE TEMPERATURE
–50
CASE TEMPERATURE, (C)
CLOCK FREQUENCY OVER TEMP
–25
0
25
50
75 100 125
98.0
98.5
99.0
99.5
100
100.5
101.0
101.5
102.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com