Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA03 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA03
Description  Pulse Width Modulation Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA03 Datasheet(HTML) 1 Page - Cirrus Logic

  SA03 Datasheet HTML 1Page - Cirrus Logic SA03 Datasheet HTML 2Page - Cirrus Logic SA03 Datasheet HTML 3Page - Cirrus Logic SA03 Datasheet HTML 4Page - Cirrus Logic SA03 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA03
SA03U
1
SA03
SA03
USA
BeO
∆
TE949311
FEATURES
•WIDESUPPLYRANGE—16-100V
•30ACONTINUOUSTO60°Ccase
•3PROTECTIONCIRCUITS
•ANALOGORDIGITALINPUTS
•SYNCHRONIZEDOREXTERNALOSCILLATOR
•FLEXIBLEFREQUENCYCONTROL
APPLICATIONS
•MOTORSTO4HP
•REACTIVELOADS
•LOWFREQUENCYSONAR
•LARGEPIEZOELEMENTS
•OFF-LINEDRIVERS
•C-DWELDCONTROLLER
DESCRIPTION
The SA03 is a pulse width amplifier that can supply 3000W
to the load. An internal 45kHz oscillator requires no external
components. The clock input stage divides the oscillator fre-
quency by two, which provides the basic switching of 22.5 kHz.
External oscillators may also be used to lower the switching
frequency or to synchronize multiple amplifiers.Current sensing
is provided for each half of the bridge giving amplitude and
direction data.A shutdown input turns off all four drivers of the
H bridge output.A high side current limit and the programmable
low side current limit protect the amplifier from shorts to sup-
ply or ground in addition to load shorts. The H bridge output
MOSFETs are protected from thermal overloads by directly
sensing the temperature of the die.The 12-pin hermetic MO-127
power package occupies only 3 square inches of board space.
BLOCKDIAGRAMANDTYPICALAPPLICATION
EXTERNALCONNECTIONS
TOP
VIEW
CLK IN
CLK OUT
+PWM
–PWM/RAMP
GND
ILIM/SHDN
ISENSE A
A OUT
+VS
VCC
*
*
B OUT
I SENSE B
1
2
3
4
5
6
12
11
10
9
8
7
TOP
VIEW
Case tied to pin 5. Allow no current in case. Bypassing of supplies
is required. Package is Apex MO-127 (STD). See Outline
Dimensions/Packages in Apex data book.
If +PWM > RAMP/–PWM then A OUT > B OUT.
* See text.
+VS
A OUT
B OUT
ILIM/SHDN
I SENSE A
I SENSE B
RSENSE
RSENSE
MOTOR
GND
CLK IN
CONTROL
SIGNAL
CLK OUT
–PWM/RAMP
+PWM
Vcc
5V
5V
SHUTDOWN
CONTROL
OUTPUT
DRIVERS
PWM
56K
1K
1K
5K
.01µF
470pF
÷2
OSC
CURRENT
LIMIT
9
8
3
10
4
2
1
5
11
12
6
7
12-PINPOWERDIP
PACKAGESTYLECR
Pulse Width Modulation Amplifier
SA03
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − SA03UREVH


Similar Part No. - SA03

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA03 APEX-SA03 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
logo
Kingbright Corporation
SA03-11CGKWA KINGBRIGHT-SA03-11CGKWA Datasheet
370Kb / 6P
Mechanically rugged
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
162Kb / 3P
Standard-Displays
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
185Kb / 4P
7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com