Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA60 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA60
Description  H-Bridge Motor Driver/Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA60 Datasheet(HTML) 2 Page - Cirrus Logic

  SA60 Datasheet HTML 1Page - Cirrus Logic SA60 Datasheet HTML 2Page - Cirrus Logic SA60 Datasheet HTML 3Page - Cirrus Logic SA60 Datasheet HTML 4Page - Cirrus Logic SA60 Datasheet HTML 5Page - Cirrus Logic SA60 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SA60U
P r o d u c t I n n o v a t i o n F r o m
SA60
TheSA60isconstructedfromMOSFETtransistors.ESDhandlingproceduresmustbeobserved.
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
Parameter
Test Conditions1
Min
Typ
Max
Units
INPUT
ANALOGINPUTVOLTAGES
VCC=12V
A,BOUT=50%DutyCycle
1/2VCC
VDC
AOUT=100%DutyCycleHigh
1/3VCC
VDC
BOUT=100%DutyCycleHigh
2/3VCC
VDC
PWMINPUT
PWMPULSELOWVOLTAGE
0
0.8
VDC
PWMPULSEHIGHVOLTAGE
2.7
5.0
VDC
PWMFREQUENCY
45
250
KHz
DISABLEON
2.7
VCC
VDC
DISABLEOFF
0
0.8
VDC
OUTPUT
VDS(ON)VOLTAGE,eachMOSFET
IDS=10A
1.7
2.5
VDC
TOTALRON,bothMOSFETs
0.45
Ω
EFFICIENCY,10AOUTPUT
+VS=80A
91
%
CURRENT,continuous
10
A
CURRENT,peak
t=100msec
15
A
SWITCHINGFREQUENCY
CF=270pF
45
KHz
DEADTIME
90
nS
POWER SUPPLY
+VSVOLTAGE(Note4)
+VSCurrent=LoadCurrent
80
VDC
VCCVOLTAGE
9.5
12
15
VDC
VCCCURRENT
VCC=12VDC
28
36
mA
+VSCURRENT
Switching,noload,VS=50V
5
mA
Parameter
Symbol
Min
Max
Units
SUPPLYVOLTAGE,+VS(Note4)
80
V
OUTPUTCURRENT,peak
15
A
LOGICSUPPLYVOLTAGE,VCC
16
V
POWERDISSIPATION,internal(Note3)
156
W
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note2)
150
°C
TEMPERATURERANGE,storage
−40
85
°C
OPERATINGTEMPERATURERANGE,case
−25
85
°C
1. ChARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAxIMUM RATINGS
SPECIFICATIONS
CAUTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com