Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA60 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA60
Description  H-Bridge Motor Driver/Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA60 Datasheet(HTML) 1 Page - Cirrus Logic

  SA60 Datasheet HTML 1Page - Cirrus Logic SA60 Datasheet HTML 2Page - Cirrus Logic SA60 Datasheet HTML 3Page - Cirrus Logic SA60 Datasheet HTML 4Page - Cirrus Logic SA60 Datasheet HTML 5Page - Cirrus Logic SA60 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA60U
1
P r o d u c t I n n o v a t i o n F r o m
SA60
FEATURES
♦LOWCOSTCOMPLETEH-BRIDGE
♦SELF-CONTAINEDSMARTLOWSIDE/
HIGHSIDEDRIVECIRCUITRY
♦WIDESUPPLYRANGE:UPTO80V
♦10ACONTINUOUSOUTPUT
♦ISOLATEDCASEALLOWSDIRECT
HEATSINKING
♦FOURQUADRANTOPERATION,TORQUE
CONTROLCAPABILITY
♦INTERNAL/PROGRAMMABLEPWM
FREQUENCYGENERATION
APPLICATIONS
♦BRUSHTYPEMOTORCONTROL
♦CLASSDSWITCHMODEAMPLIFIER
♦REACTIVELOADS
♦MAGNETICCOILS(MRI)
♦ACTIVEMAGNETICBEARING
♦VIBRATIONCANCELLING
H-Bridge Motor Driver/Amplifiers
SA60
P r o d u c t I n n o v a t i o n F r o m
H-Bridge
Drive
555
10
11
9
8
12
1
7
6
3
4
2
2.58K
49K
2 6
7
1
4
8
+Vs
B OUT
A OUT
Isense A
Isense B
POWER
GND
DISABLE
ANALOG IN
Cf/PWM IN
ANALOG GND
Vcc
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
JUN 2009
APEX − SA60UREVL
DESCRIPTION
The SA60 is a pulse width modulation amplifier that
cansupply10Acontinuouscurrenttotheload.Thefull
bridge amplifier can be operated over a wide range
ofsupplyvoltages.Allofthedrive/controlcircuitryfor
thelowsideandhighsideswitchesareinternaltothe
hybrid.ThePWMcircuitryisinternalaswell,leaving
theusertoonlyprovideananalogsignalforthemotor
speed/direction,oraudiosignalforswitchmodeaudio
amplification.TheinternalPWMfrequencycanbepro-
grammedbyanexternalintegratorcapacitor.Alterna-
tively,theusermayprovideanexternalTTL-compatible
PWMsignalforsimultaneousamplitudeanddirection
controlforfourquadrantmode.
BLOCK DIAGRAM


Similar Part No. - SA60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA60 BYTES-SA60 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA60 DCCOM-SA60 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA60 EIC-SA60 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA60

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA50 APEX-SA50 Datasheet
214Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
SA60 APEX-SA60 Datasheet
209Kb / 4P
H-BRIDGE MOTOR DRIVER/AMPLIFIERS
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA50CE CIRRUS-SA50CE Datasheet
191Kb / 5P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60_10 Datasheet
605Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com