Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3204 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3204 Datasheet HTML 1Page - Microchip Technology MCP3204 Datasheet HTML 2Page - Microchip Technology MCP3204 Datasheet HTML 3Page - Microchip Technology MCP3204 Datasheet HTML 4Page - Microchip Technology MCP3204 Datasheet HTML 5Page - Microchip Technology MCP3204 Datasheet HTML 6Page - Microchip Technology MCP3204 Datasheet HTML 7Page - Microchip Technology MCP3204 Datasheet HTML 8Page - Microchip Technology MCP3204 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 1
MCP3204/3208
Features
• 12-bit resolution
• ± 1 LSB max DNL
• ± 1 LSB max INL (MCP3204/3208-B)
• ± 2 LSB max INL (MCP3204/3208-C)
• 4 (MCP3204) or 8 (MCP3208) input channels
• Analog inputs programmable as single-ended or
pseudo-differential pairs
• On-chip sample and hold
• SPI serial interface (modes 0,0 and 1,1)
• Single supply operation: 2.7V - 5.5V
• 100 ksps max. sampling rate at VDD = 5V
• 50 ksps max. sampling rate at VDD = 2.7V
• Low power CMOS technology:
- 500 nA typical standby current, 2 µA max.
- 400 µA max. active current at 5V
• Industrial temp range: -40°C to +85°C
• Available in PDIP, SOIC and TSSOP packages
Applications
• Sensor Interface
• Process Control
• Data Acquisition
• Battery Operated Systems
Functional Block Diagram
Description
The Microchip Technology Inc. MCP3204/3208
devices are successive approximation 12-bit Analog-
to-Digital (A/D) Converters with on-board sample and
hold circuitry. The MCP3204 is programmable to
provide two pseudo-differential input pairs or four
single-ended inputs. The MCP3208 is programmable
to provide four pseudo-differential input pairs or eight
single-ended inputs. Differential Nonlinearity (DNL) is
specified at ±1 LSB, while Integral Nonlinearity (INL) is
offered in ±1 LSB (MCP3204/3208-B) and ±2 LSB
(MCP3204/3208-C) versions.
Communication with the devices is accomplished using
a simple serial interface compatible with the SPI
protocol. The devices are capable of conversion rates
of up to 100 ksps. The MCP3204/3208 devices operate
over a broad voltage range (2.7V - 5.5V). Low current
design permits operation with typical standby and
active
currents
of
only
500 nA
and
320 µA,
respectively. The MCP3204 is offered in 14-pin PDIP,
150 mil SOIC and TSSOP packages. The MCP3208 is
offered in 16-pin PDIP and SOIC packages.
Package Types
Comparator
Sample
and
Hold
12-Bit SAR
DAC
Control Logic
CS/SHDN
VREF
VSS
VDD
CLK
DOUT
Shift
Register
CH0
Channel
Mux
Input
CH1
CH7*
* Note:
Channels 5-7 available on MCP3208 Only
DIN
VDD
CLK
DOUT
1
2
3
4
14
13
12
11
10
9
8
5
6
7
VREF
DIN
CH0
CH1
CH2
CH3
CS/SHDN
DGND
AGND
NC
VDD
CLK
DOUT
1
2
3
4
16
15
14
13
12
11
10
9
5
6
7
8
VREF
DIN
CS/SHDN
DGND
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
NC
AGND
PDIP, SOIC, TSSOP
PDIP, SOIC
2.7V 4-Channel/8-Channel 12-Bit A/D Converters
with SPI Serial Interface


Similar Part No. - MCP3204

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204-BI/P MICROCHIP-MCP3204-BI/P Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204-BI/SL MICROCHIP-MCP3204-BI/SL Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204-BI/ST MICROCHIP-MCP3204-BI/ST Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204-BIP MICROCHIP-MCP3204-BIP Datasheet
425Kb / 20P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
More results

Similar Description - MCP3204

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com