Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP616
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP616 Datasheet(HTML) 3 Page - Microchip Technology

  MCP616 Datasheet HTML 1Page - Microchip Technology MCP616 Datasheet HTML 2Page - Microchip Technology MCP616 Datasheet HTML 3Page - Microchip Technology MCP616 Datasheet HTML 4Page - Microchip Technology MCP616 Datasheet HTML 5Page - Microchip Technology MCP616 Datasheet HTML 6Page - Microchip Technology MCP616 Datasheet HTML 7Page - Microchip Technology MCP616 Datasheet HTML 8Page - Microchip Technology MCP616 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 3
MCP616/7/8/9
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+ and VIN–)................±2 mA
Analog Inputs (VIN+ and VIN–) †† .. VSS –0.3VtoVDD +0.3V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ................................... –65°C to +150°C
Maximum Junction Temperature (TJ)......................... .+150°C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 4 kV; 400V
† Notice:
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
††
See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = +25°C, VCM =VDD/2,
VOUT ≈ VDD/2 and RL = 100 kΩ to VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
V
OS
–150
+150
µV
Input Offset Drift with Temperature
ΔV
OS/ΔT
A
—±2.5—
µV/°C
TA = -40°C to +85°C
Power Supply Rejection
PSRR
86
105
dB
Input Bias Current and Impedance
Input Bias Current
IB
-35
-15
-5
nA
At Temperature
IB
-70
-21
nA
TA = -40°C
At Temperature
IB
—-12
nA
TA = +85°C
Input Offset Current
IOS
±0.15
nA
Common Mode Input Impedance
ZCM
—600||4—
M
Ω||pF
Differential Input Impedance
ZDIFF
—3||2
M
Ω||pF
Common Mode
Common Mode Input Voltage Range
VCMR
VSS
VDD –0.9
V
Common Mode Rejection Ratio
CMRR
80
100
dB
VDD = 5.0V,
VCM = 0.0V to 4.1V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
100
120
dB
RL = 25 kΩ to VDD/2,
VOUT = 0.05V to VDD –0.05V
DC Open-Loop Gain (large signal)
AOL
95
115
dB
RL = 5 kΩ to VDD/2,
VOUT = 0.1V to VDD –0.1V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +15
VDD –20
mV
RL = 25 kΩ to VDD/2,
0.5V input overdrive
VOL, VOH
VSS +45
VDD –60
mV
RL = 5 kΩ to VDD/2,
0.5V input overdrive
Linear Output Voltage Range
VOUT
VSS +50
VDD –50
mV
RL = 25 kΩ to VDD/2,
AOL ≥ 100 dB
VOUT
VSS +100
VDD – 100
mV
RL = 5 kΩ to VDD/2,
AOL ≥ 95 dB
Output Short Circuit Current
ISC
—±7
mA
VDD = 2.3V
ISC
—±17
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
2.3
5.5
V
Quiescent Current per Amplifier
IQ
12
19
25
µA
IO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com