Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP616
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP616 Datasheet(HTML) 1 Page - Microchip Technology

  MCP616 Datasheet HTML 1Page - Microchip Technology MCP616 Datasheet HTML 2Page - Microchip Technology MCP616 Datasheet HTML 3Page - Microchip Technology MCP616 Datasheet HTML 4Page - Microchip Technology MCP616 Datasheet HTML 5Page - Microchip Technology MCP616 Datasheet HTML 6Page - Microchip Technology MCP616 Datasheet HTML 7Page - Microchip Technology MCP616 Datasheet HTML 8Page - Microchip Technology MCP616 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 1
MCP616/7/8/9
Features
• Low Input Offset Voltage: ±150 µV (maximum)
• Low Noise: 2.2 µVP-P (typical, 0.1 Hz to 10 Hz)
• Rail-to-Rail Output
• Low Input Offset Current: 0.3 nA (typical)
• Low Quiescent Current: 25 µA (maximum)
• Power Supply Voltage: 2.3V to 5.5V
• Unity Gain Stable
• Chip Select (CS) Capability: MCP618
• Industrial Temperature Range: -40°C to +85°C
• No Phase Reversal
• Available in Single, Dual and Quad Packages
Typical Applications
• Battery Power Instruments
• Weight Scales
• Strain Gauges
• Medical Instruments
• Test Equipment
Design Aids
• SPICE Macro Models
• Microchip Advanced Part Selector (MAPS)
• Mindi™ Circuit Designer & Simulator
• Analog Demonstration and Evaluation Boards
• Application Notes
Input Offset Voltage
Description
The MCP616/7/8/9 family of operational amplifiers (op
amps) from Microchip Technology Inc. are capable of
precision, low-power, single-supply operation. These
op amps are unity-gain stable, have low input offset
voltage (±150 µV, maximum), rail-to-rail output swing
and low input offset current (0.3 nA, typical). These
features make this family of op amps well suited for
battery-powered applications.
The single MCP616, the single MCP618 with Chip
Select (CS) and the dual MCP617 are all available in
standard 8-lead PDIP, SOIC and MSOP packages. The
quad MCP619 is offered in standard 14-lead PDIP,
SOIC and TSSOP packages. All devices are fully
specified from -40°C to +85°C, with power supplies
from 2.3V to 5.5V.
Package Types
0%
2%
4%
6%
8%
10%
12%
14%
Input Offset Voltage (µV)
598 Samples
VDD = 5.5V
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
MCP616
PDIP, SOIC, MSOP
MCP617
PDIP, SOIC, MSOP
MCP618
PDIP, SOIC, MSOP
MCP619
PDIP, SOIC, TSSOP
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
VINA+
VINA–
VDD
VIND–
VIND+
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINB–
VINB+
VOUTB
VINC+
VINC–
5
6
7
10
9
8 VOUTC
2.3V to 5.5V Micropower Bi-CMOS Op Amps


Similar Part No. - MCP616

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP616 MICROCHIP-MCP616 Datasheet
580Kb / 36P
2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP616 MICROCHIP-MCP616 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
More results

Similar Description - MCP616

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP616 MICROCHIP-MCP616 Datasheet
580Kb / 36P
2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606 MICROCHIP-MCP606 Datasheet
709Kb / 36P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
06/01/01
logo
Maxim Integrated Produc...
MAX6078EVKIT MAXIM-MAX6078EVKIT Datasheet
589Kb / 6P
2.3V to 5.5V Input Supply Range
Rev 0; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com