Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2054 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC2054 Datasheet HTML 5Page - Microchip Technology TC2054 Datasheet HTML 6Page - Microchip Technology TC2054 Datasheet HTML 7Page - Microchip Technology TC2054 Datasheet HTML 8Page - Microchip Technology TC2054 Datasheet HTML 9Page - Microchip Technology TC2054 Datasheet HTML 10Page - Microchip Technology TC2054 Datasheet HTML 11Page - Microchip Technology TC2054 Datasheet HTML 12Page - Microchip Technology TC2054 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 9
TC2054/2055/2186
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Unregulated Supply Input (VIN)
Connect the unregulated input supply to the VIN pin. If
there is a large distance between the input supply and
the
LDO
regulator,
some
input
capacitance
is
necessary for proper operation. A 1 µF capacitor,
connected from VIN to ground, is recommended for
most applications.
3.2
Ground Terminal (GND)
Connect the unregulated input supply ground return to
GND. Also connect one side of the 1 µF typical input
decoupling capacitor close to this pin and one side of
the output capacitor COUT to this pin.
3.3
Shutdown Control Input (SHDN)
The regulator is fully enabled when a logic-high is
applied to SHDN. The regulator enters shutdown when
a logic-low is applied to this input. During shutdown, the
output voltage falls to zero and the supply current is
reduced to 0.5 µA (maximum).
3.4
Out-of-Regulation Flag (ERROR)
The open-drain ERROR flag provides indication that
the regulator output voltage is not in regulation. The
ERROR pin will be low when the output is typically
below 5% of its specified value.
3.5
Regulated Voltage Output (VOUT)
Connect the output load to VOUT of the LDO. Also
connect one side of the LDO output decoupling
capacitor as close as possible to the VOUT pin.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3SHDN
Shutdown control input. The regulator is fully enabled when a logic high is
applied to this input. The regulator enters shutdown when a logic low is applied
to this input. During shutdown, output voltage falls to zero, ERROR is open
circuited and supply current is reduced to 0.5 µA (maximum).
4
ERROR
Out-of-Regulation Flag. (Open-drain output). This output goes low when VOUT is
out-of-tolerance by approximately -5%.
5VOUT
Regulated voltage output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com