Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2054 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC2054 Datasheet HTML 13Page - Microchip Technology TC2054 Datasheet HTML 14Page - Microchip Technology TC2054 Datasheet HTML 15Page - Microchip Technology TC2054 Datasheet HTML 16Page - Microchip Technology TC2054 Datasheet HTML 17Page - Microchip Technology TC2054 Datasheet HTML 18Page - Microchip Technology TC2054 Datasheet HTML 19Page - Microchip Technology TC2054 Datasheet HTML 20Page - Microchip Technology TC2054 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 13
TC2054/2055/2186
APPENDIX A:
REVISION HISTORY
Revision D (September 2009)
The following is the list of modifications:
1.
Added the 2.6V, and 5.0V option in Table 6-1 in
Section 6.0 “Packaging Information”.
2.
Updated the package outline drawing.
3.
Added 2.6V option to Product Identification
System section.
Revision C (May 2006)
The following is the list of modifications:
1.
Added overtemperature to bullet for overcurrent
protection in Features and General Description
verbiage.
2.
Added “Thermal Shutdown Die Temperature” to
the Electrical Specifications table. Changed
condition for “Minimum VIN Operating Voltage”.
3.
Added Temperature Characteristics Table.
4.
Added Section 5.1 “Thermal Shutdown”.
5.
Updated the package outline drawing.
Revision B (May 2002)
• Data Sheet converted to Microchip standards.
Revision A (May 2001)
• Original Release of this Document under Telcom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com