Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 96 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 96 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 92Page - fujitsu semiconductor MB91F467DA Datasheet HTML 93Page - fujitsu semiconductor MB91F467DA Datasheet HTML 94Page - fujitsu semiconductor MB91F467DA Datasheet HTML 95Page - fujitsu semiconductor MB91F467DA Datasheet HTML 96Page - fujitsu semiconductor MB91F467DA Datasheet HTML 97Page - fujitsu semiconductor MB91F467DA Datasheet HTML 98Page - fujitsu semiconductor MB91F467DA Datasheet HTML 99Page - fujitsu semiconductor MB91F467DA Datasheet HTML 100Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
MB91460D Series
96
DS07-16612-2E
5.
Alarm comparator characteristics
Note: *1 :
The fast Alarm Comparator mode is enabled by setting ACSR.MD=1
Setting ACSR.MD=0 sets the normal mode.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
IA5ALMF
AVCC5
⎯
25
40
μA
Alarm compar-
ator enabled in
fast mode (per
channel) *1
IA5ALMS
⎯
710
μA
Alarm compar-
ator enabled in
normal mode
(per channel)
*1
IA5ALMH
⎯⎯
5
μA
Alarm compar-
ator disabled
ALARM pin in-
put current
IALIN
ALARM_n
− 1
⎯
+ 1
μATA=25 °C
− 3
⎯
+ 3
μATA=105 °C
ALARM pin in-
put voltage
range
VALIN
0
⎯
AVCC5V
Alarm upper
limit
voltage
VIAH
AVCC5
× 0.78
− 3%
AVCC5
× 0.78
AVCC5
× 0.78
+ 3%
V
Alarm lower
limit
voltage
VIAL
AVCC5
× 0.36
− 5%
AVCC5
× 0.36
AVCC5
× 0.36
+ 5%
V
Alarm hystere-
sis
voltage
VIAHYS
50
⎯
250
mV
Alarm input
resistance
RIN
5
⎯⎯
M
Ω
Comparison
time
tCOMPF
⎯
0.1
0.2
μs
Alarm compar-
ator enabled in
fast mode *1
tCOMPS
⎯
12
μs
Alarm compar-
ator enabled in
normal mode
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com