Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467DA Datasheet(PDF) 97 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 97 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 93Page - fujitsu semiconductor MB91F467DA Datasheet HTML 94Page - fujitsu semiconductor MB91F467DA Datasheet HTML 95Page - fujitsu semiconductor MB91F467DA Datasheet HTML 96Page - fujitsu semiconductor MB91F467DA Datasheet HTML 97Page - fujitsu semiconductor MB91F467DA Datasheet HTML 98Page - fujitsu semiconductor MB91F467DA Datasheet HTML 99Page - fujitsu semiconductor MB91F467DA Datasheet HTML 100Page - fujitsu semiconductor MB91F467DA Datasheet HTML 101Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
MB91460D Series
DS07-16612-2E
97
6.
FLASH memory program/erase characteristics
6.1.
MB91F465DA
(TA = 25oC, Vcc = 5.0V)
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius
equation to convert high temperature measurements into normalized value at 85oC)
6.2.
MB91F467Dx
(TA = 25oC, Vcc = 5.0V)
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius
equation to convert high temperature measurements into normalized value at 85oC)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Erasure programming time not
included
Chip erase time
-
n*0.9
n*3.6
s
n is the number of Flash sector
of the device
Word (16-bit width) pro-
gramming time
-
23
370
μs
System overhead time not in-
cluded
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.5
2.0
s
Erasure programming time not
included
Chip erase time
-
n*0.5
n*2.0
s
n is the number of Flash sector
of the device
Word (16 or 32-bit width)
programming time
-
6
100
μs
System overhead time not in-
cluded
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com