Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6341 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6341
Description  1.5MHz, 1.5A Step-down Converter With Soft-Start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6341 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6341 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP6341
LP6341 –05 Ver. 1.5 Datasheet
Feb.-2009
Functional Pin Description
D F N - 1 0 ( To p Vi e w )
Pi n Desc ript io n
Pin NO
PIN
DESCRIPTION
1
EN
Enable Control Input. Drive EN1 above 1.5V to turn on the Channel. Drive EN
below 0.3V to turn it off (shutdown current < 0.1µA).
2, 3
Vin
Supply Input.
4,9,10
GND/PGND Ground.
5
FB
Feedback Input. Connect FB to the center point of the external resistor divider.
Normal voltage for this pin is 0.6V.
6
AGND
Analog Ground Pin.
7, 8
SW
Switch Mode Connection to Inductor. This pin connects to the drains of the
internal main and synchronous power MOSFET switches.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com