Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6341 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6341
Description  1.5MHz, 1.5A Step-down Converter With Soft-Start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6341 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6341 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Datasheet
LP6341
LP6341 –05 Ver. 1.5 Datasheet
Feb.-2009
Absolute Maximum Ratings
Input Voltage to GND ------------------------------------------------------------------------------------------- 6V
SW to GND (VSW) ---------------------------------------------------------------------------- 0.3V to VIN +0.3V
FB to GND (VFB) ------------------------------------------------------------------------------ 0.3V to VIN +0.3V
EN
EN_BAT to GND (VEN) ------------------------------------------------------------------------0.3V to 6V
Operating Junction Temperature Range (TJ) ----------------------------------------------------40℃ to 150℃
Maximum Soldering Temperature (at leads, 1 0sec) ----------------------------------------------------- 260℃
Electrical Characteristics
(VIN =VEN,Typical values are TA=25℃ )
LP6341
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Step-Down Converter
VIN
Input Voltage
2.5
5.5
V
△VOUT
Output Voltage Line Regulation
ILOAD = 0
VINB = 2.5V to 5.5V
0.25
0.4
%/
v
△VFB
Reference Voltage
Line Regulation
VINB = 2.5V to 5.5V
0.25
0.4
%/
v
VOUT
Output Voltage Range
0.6
VINB
V
IQ
Quiescent Current
VFB1=VFB2=0V,VIN1/IN2=4.2V
270
350
µA
ISHDN
Shutdown Current
ENB = GND
1
µA
ILIM
P-Channel Current Limit
2.3
2.5
3
A
RDS(ON)H
High-Side Switch On Resistance
130
210
m
RDS(ON)L
Low-Side Switch On Resistance
120
200
m
ILXLEAK
LX Leakage Current
VEN1/EN2=0V,
VSW1/SW2=0 or 5V, VIN1/IN2=5V
1
µA
∆VLine-reg/∆VIN
Line Regulation
VINB = 2.8V to 5.5V
0.2
0.4
%/V
VFB
Feedback Threshold Voltage
Accuracy
VINB = 3.6V,LP6341AQVF
0.485
0.5
0.515
V
VINB = 3.6V,LP6341XAQVF
0.588
0.6
0.612
V
IFB
FB Leakage Current
VOUTB = 1 .0V
30
nA
FOSC
Oscillator Frequency
1.2
1.5
1.8
MHz
TS
Startup Time
From Enable to Output Regulation
120
µs
TSD
Over-Temperature Shutdown
Threshold
150
℃
THYS
Over-Temperature Shutdown
Hysteresis
20
℃
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
0.3
1.0
1.5
V
IEN
Input Low Current
VINB = VENB = 5.5V
-1
1
µA
Note:
Output Voltage: Vout = VFB X (1+R2/R1) Volts;



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com