Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78081 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78081
Description  600mA High Efficiency Synchronous Buck with 350mA LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78081 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78081 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP78081
LP78081 – Ver. 1.0 Datasheet
Feb.-2008
Page 2 of 8
Typical Application Circuit
Cf
Vout2
VIN
R1
R2
Vout1
LP78081
4
2
5
6
3
FB
VDD
EN
OUT
SW
2.2uH
Figure 1. LP78081 High Efficiency Step-Down Converter
Functional Pin Description
Pin Number Pin Name
Pin Function
1
GND
Ground.Chip Enable(Active High).
2
VDD
Power Input.
3
SW
Pin For Switching
4
FB
Feedback Input Pin,Reference voltage is 0.612 V
5
EN
Chip Enable.
6
OUT
LDO Output.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com