Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78081 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78081
Description  600mA High Efficiency Synchronous Buck with 350mA LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78081 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78081 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78081 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP78081
LP78081 – Ver. 1.0 Datasheet
Feb.-2008
Page 1 of 8
600mA High Efficiency Synchronous Buck with 350mA LDO
General Description
The LP78081 are PMU, and contain a 600mA Buck
DC/DC and a 350mA Linear Regulator, Buck DC/DC is
a constant frequency, current mode, PWM step-down
converter.The device integrates a main switch and a
synchronous rectifier for high efficiency. The 2.7V to
6.5V input voltage range makes the LP78081 is ideally
suited for portable electronic devices that are powered
from 1-cell Li-ion battery or from other power sources
within the range such as cellular phones, PDAs and
handy-terminals. Internal synchronous rectifier with
low RDS(ON) dramatically reduces conduction loss at
PWM mode. The internal synchronous switch
increases efficiency while eliminate the need for an
external Schottky diode.The switching ripple is easily
smoothed-out by small package filtering elements due
to a fixed operation frequency of 1.5MHz. This along
with small SOT-23-6 package provide small PCB area
application. Other features include soft start, lower
internal reference voltage with 2% accuracy, over
temperature protection, and over current protection。
Ordering Information
LP78081 - □ □ □ □
□
F: Pb-Free
Package Type
B6: SOT23-6
LDO Output Voltage Type
30: 3.0V
33: 3.3V
Features
600mA Buck High Efficiency: 96% 
1.5MHz Fixed-Frequency PWM Operation
Adjustable Output From 0.6V to VIN  
350mA LDO: 3.0V and 3.3V Fixed output
100% Duty Cycle Low Dropout Operation
Available in SOT23-6 Package  
Low than 1µA Shutdown Current
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
(TOP View)
PIN NO.
1
2
3
4
5
6
Function
GND
VDD
SW
FB
EN
OUT
Marking Information
Please see website.


Similar Part No. - LP78081

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/30QVF POWER-LP78083-30/30QVF Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-30/33QVF POWER-LP78083-30/33QVF Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-33/30QVF POWER-LP78083-33/30QVF Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78083-33/33QVF POWER-LP78083-33/33QVF Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
More results

Similar Description - LP78081

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Lowpower Semiconductor ...
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78086 POWER-LP78086 Datasheet
333Kb / 9P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
March 28, 2008
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
logo
Enpirion, Inc.
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com